Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7906 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 16Page - Renesas Technology Corp 7906 Datasheet HTML 17Page - Renesas Technology Corp 7906 Datasheet HTML 18Page - Renesas Technology Corp 7906 Datasheet HTML 19Page - Renesas Technology Corp 7906 Datasheet HTML 20Page - Renesas Technology Corp 7906 Datasheet HTML 21Page - Renesas Technology Corp 7906 Datasheet HTML 22Page - Renesas Technology Corp 7906 Datasheet HTML 23Page - Renesas Technology Corp 7906 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 531 page
background image
DESCRIPTION
7906 Group User’s Manual Rev.2.0
1-5
Apply 5 V ± 0.5 V to pin Vcc and 0 V to pin Vss.
This pin switches the operating mode. This is only for the
single-chip mode, so connect this pin to VSS.
The microcomputer is reset when “L” level is input to this pin.
Pins XIN and XOUT are the input and output pins of the clock
generating circuit, respectively. Connect these pins via a
ceramic resonator or a quartz-crystal oscillator. When an
external clock is input, this clock should be input to pin XIN,
and pin XOUT should be left open.
To use the PLL frequency multiplier, be sure to connect this
pin to the filter circuit.
The power source input pin for the A-D converter. Connect this
pin to Vcc.
The power source input pin for the A-D and D-A converters.
Connect this pin to Vss.
This is the reference voltage input pin for the A-D and D-A converters.
P0 is an 8-bit CMOS I/O port and has an I/O direction register.
Each pin can function as an input or output port pin. By
software, these pins can function as I/O pins for serial I/O.
P2 is an 8-bit I/O port with the same function as port P1.
By software, these pins can function as I/O pins for timers
A4 and A9. Also, these pins can function as input pins for
timers B0 to B2, input pins for the external interrupts, or
trigger input pins in the pulse output port mode.
P5 is a 3-bit I/O port with the same function as port P1.
By software, these pins can function as input pins for timers B0
to B2, input pins for external interrupts, or position data input
pins in the three-phrase waveform mode.
P6 is a 6-bit I/O port with the same function as port P1.
By software, these pins can function as I/O pins for timers A0 to
A2, or as motor drive waveform output pins.
P7 is a 5-bit I/O port with the same function as port P1.
By software, these pins can function as input pins for the
A-D converter, output pins for the D-A converter, input pins
for the external interrupts, or trigger input pins in the pulse
output port mode.
This pin has the function to forcibly place port P6 pins in the
input mode (port-output-cutoff function). Also, this pin functions
as an input pin for INT4, and as an input pin for the port-output-
cutoff function in the motor drive waveform output mode.
1.3 Pin description
—
Input
Input
Input
Output
—
—
Input
I/O
I/O
I/O
I/O
I/O
Input
Input/Output
Power source input
MD0
MD1
Reset input
Clock input
Clock output
Filter circuit connection
Analog power source
input
Reference voltage input
I/O port P1
I/O port P2
I/O port P5
I/O port P6
I/O port P7
P6OUTCUT input
Vcc, Vss
MD0
MD1
RESET
XIN
XOUT
VCONT
AVcc
AVss
VREF
P10–P17
P20–P27
P55–P57
P60–P65
P70–P74
P6OUTCUT
1.3 Pin description
Tables 1.3.1 lists the pin description.
Table 1.3.1 Pin description
Name
Pin
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com