Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7906 Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 70Page - Renesas Technology Corp 7906 Datasheet HTML 71Page - Renesas Technology Corp 7906 Datasheet HTML 72Page - Renesas Technology Corp 7906 Datasheet HTML 73Page - Renesas Technology Corp 7906 Datasheet HTML 74Page - Renesas Technology Corp 7906 Datasheet HTML 75Page - Renesas Technology Corp 7906 Datasheet HTML 76Page - Renesas Technology Corp 7906 Datasheet HTML 77Page - Renesas Technology Corp 7906 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 531 page
background image
INPUT/OUTPUT PINS
7906 Group User’s Manual Rev.2.0
5-3
5.2 Programmable I/O ports
5.2.1 Direction register
This register determines the I/O direction of programmable I/O ports. One bit of this register corresponds
to one pin of the microcomputer, and this is the one-to-one relationship.
Figure 5.2.2 shows the structure of port Pi (i = 1, 2, 5 to 7) direction register.
Fig. 5.2.2 Structure of port Pi (i = 1, 2, 5 to 7) direction register
0
1
2
3
4
5
6
7
Port Pi direction register (i = 1, 2, 5 to 7)
(Addresses 516, 816, D16, 1016, 1116)
Port Pi0 direction bit
Port Pi1 direction bit
Port Pi2 direction bit
Port Pi3 direction bit
Port Pi4 direction bit
Port Pi5 direction bit
Port Pi6 direction bit
Port Pi7 direction bit
0
0
0
0
0
0
0
0
RW
RW
RW
RW
RW
RW
RW
RW
b7 b6 b5 b4 b3 b2 b1 b0
Notes 1: Nothing is assigned for bits 0 to 4 of the port P5 direction register. These bits are undefined at reading.
2: Nothing is assigned for bits 6 and 7 of the port P6 direction register. These bits are undefined at reading.
3: Nothing is assigned for bits 5 to 7 of the port P7 direction register. These bits are undefined at reading.
4: Any of bits 0 to 5 of the port P6 direction register becomes “0” by input of a falling edge to pin P6OUTCUT/INT4. (Refer to
section “5.2.3 Pin P6OUTCUT/INT4.”)
0 : Input mode
(The port functions as an input port.)
1 : Output mode
(The port functions as an output port.)
Bit name
Bit
Function
At reset
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com