Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7906 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 69Page - Renesas Technology Corp 7906 Datasheet HTML 70Page - Renesas Technology Corp 7906 Datasheet HTML 71Page - Renesas Technology Corp 7906 Datasheet HTML 72Page - Renesas Technology Corp 7906 Datasheet HTML 73Page - Renesas Technology Corp 7906 Datasheet HTML 74Page - Renesas Technology Corp 7906 Datasheet HTML 75Page - Renesas Technology Corp 7906 Datasheet HTML 76Page - Renesas Technology Corp 7906 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 531 page
background image
INPUT/OUTPUT PINS
7906 Group User’s Manual Rev.2.0
5-2
5.1 Overview, 5.2 Programmable I/O ports
5.1 Overview
Input/output pins (hereafter called I/O pins) have functions as programmable I/O port pins, internal peripheral
devices’s I/O pins, etc.
For the basic functions of each I/O pin, refer to section “1.3 Pin description.” For the I/O functions of the
internal peripheral devices, refer to relevant sections of each internal peripheral device.
This chapter describes the programmable I/O ports and examples of handling unused pins.
5.2 Programmable I/O ports
The programmable I/O ports have direction registers and port registers in the SFR area. Figure 5.2.1 shows
the memory map of direction registers and port registers.
Fig. 5.2.1 Memory map of direction registers and port registers
Addresses
Port P2 register
Port P5 register
Port P7 register
Port P6 register
Port P1 register
Port P2 direction register
Port P1 direction register
Port P6 direction register
Port P5 direction register
Port P7 direction register
316
416
516
616
716
816
916
A16
B16
C16
D16
E16
F16
1016
1116
(Note)
(Note)
(Note)
(Note)
(Note)
Note: Do not write to this address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com