| Electronic Components Datasheet Search |
|
7906 Datasheet(PDF) 33 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7906 Datasheet(HTML) 33 Page - Renesas Technology Corp |
|
33 / 531 page ![]() CENTRAL PROCESSING UNIT (CPU) 7906 Group User’s Manual Rev.2.0 2-12 2.2 Bus interface unit (BIU) 2.2.2 Data Transfer (read and write) When the CPU reads or writes data from or to the internal area, it requests the BIU to read or write data. The BIU outputs control signals in order to control the internal address and data buses in response to the request from the CPU. The cycle where the following are performed is referred to “bus cycle”: • The BIU controls buses. • Data transfer is performed between the internal area and BIU. Table 2.2.4 lists the bus cycles at access to the internal area. Figure 2.2.4 shows operating waveform examples at reading from or writing to the internal area. (1) Reading data The CPU informs the BIU’s data address register of the address where the data to be read is stored, so the CPU requests the data. In this case, the CPU waits until the requested data is ready in the BIU. The BIU outputs the address informed by the CPU onto the internal address bus. Then, the CPU reads the contents of the informed address and takes them into the data buffer. The CPU continues processing using data in the data buffer. (2) Writing data The CPU informs the BIU’s data address register of the address to which the data will be written, so the CPU writes the data into the data buffer. The BIU outputs the address informed by the CPU onto the internal address bus. Then, the BIU writes the data in the data buffer into the informed address. Table 2.2.4 Bus cycles at access to internal area Bus cycle = 3 φ (Note) (Internal ROM bus cycle select bit = 0) ROM RAM SFR Internal address bus Internal data bus φBIU Address 1 bus cycle = 2 φ φBIU Internal address bus Internal data bus Address 1 bus cycle = 2 φ Bus cycle = 2 φ (Note) (Internal ROM bus cycle select bit = 1) φBIU Internal address bus Internal data bus Data Address 1 bus cycle = 3 φ Data Data Internal ROM bus cycle select bit: Bit 7 at address 5F16 Note: We usually recommend to select “bus cycle = 2 φ.” When reprogramming the internal flash memory in the CPU reprogramming mode, be sure to select bus cycle = 3 φ. (Refer to section “19.2 Flash memory CPU reprogramming mode.”) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |