Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7906 Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 95Page - Renesas Technology Corp 7906 Datasheet HTML 96Page - Renesas Technology Corp 7906 Datasheet HTML 97Page - Renesas Technology Corp 7906 Datasheet HTML 98Page - Renesas Technology Corp 7906 Datasheet HTML 99Page - Renesas Technology Corp 7906 Datasheet HTML 100Page - Renesas Technology Corp 7906 Datasheet HTML 101Page - Renesas Technology Corp 7906 Datasheet HTML 102Page - Renesas Technology Corp 7906 Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 531 page
background image
7906 Group User’s Manual Rev.2.0
INTERRUPTS
6-20
Fig. 6.10.3 Relationship between port P2/P5/P7 direction register and external interrupt’s input pins
6.10 External interrupts
Corresponding pin
Bit
0
1
2
3
4
5
6
7
Port P2 direction register (Address 816)
Function
At reset
R/W
Pin TA4OUT
Pin TA4IN
Pin TA9OUT
Pin TA9IN
Pin TB0IN
(Note 1)
Pin TB1IN
(Note 2)
Pin TB2IN
(Note 3)
Pin INT3 (RTPTRG0)
(Note 4)
0
0
0
0
0
0
0
0
RW
RW
RW
RW
RW
RW
RW
RW
b7 b6 b5 b4 b3 b2 b1 b0
Notes 1: This applies when the pin TB0IN select bit (bit 0 at address AE16) = “1.”
2: This applies when the pin TB1IN select bit (bit 1 at address AE16) = “1.”
3: This applies when the pin TB2IN select bit (bit 2 at address AE16) = “1.”
4: This applies when the pin INT3/RTPTRG0 select bit (bit 3 at address AE16) = “1.”
5: ( ) shows the I/O pins of other internal peripheral device which are multiplexed.
0 : Input mode
1 : Output mode
When using this pin as an external interrupt’s
input pin, be sure to clear the corresponding
bit to “0.”
Corresponding pin
Bit
4 to 0
5
6
7
Port P5 direction register (Address D16)
Function
At reset
R/W
Nothing is assigned.
Pin INT5 (TB0IN/IDW)
Pin INT6 (TB1IN/IDV)
Pin INT7 (TB2IN/IDU)
—
RW
RW
RW
b7 b6 b5 b4 b3 b2 b1 b0
Note: ( ) shows the I/O pins of other internal peripheral devices which are multiplexed.
0 : Input mode
1 : Output mode
When using this pin as an external interrupt’s input
pin, be sure to clear the corresponding bit to “0.”
Corresponding pin
Bit
0
1
2
3
4
7 to 5
Port P7 direction register (Address 1116)
Function
At reset
R/W
0
0
0
0
0
Undefined
RW
RW
RW
RW
RW
—
b7 b6 b5 b4 b3 b2 b1 b0
Notes 1: This applies when the pin INT3/RTPTRG0 select bit (bit 3 at address AE16) = “0.”
2: ( ) shows the I/O pins of other internal peripheral devices which are multiplexed.
0 : Input mode
1 : Output mode
When using this pin as an external interrupt’s
input pin, be sure to clear the corresponding
bit to “0.”
Pin AN0
Pin AN1
Pin AN2
Pin AN3/DA0
Pin INT3 (AN4/DA1/RTPTRG0)
(Note 1)
Nothing is assigned.
Undefined
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com