| Electronic Components Datasheet Search |
|
7906 Datasheet(PDF) 27 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7906 Datasheet(HTML) 27 Page - Renesas Technology Corp |
|
27 / 531 page ![]() 7906 Group User’s Manual Rev.2.0 CENTRAL PROCESSING UNIT (CPU) 2.1 Central processing unit (CPU) 2-6 2.1.8 Direct page register 0 to 3 (DPR0 to DPR3) Each of direct page registers 0 to 3 (hereafter called the “DPRi”) is a 16-bit register. The contents of this register specify the direct page area in bank 016 or in the space across banks 016 and 116. The following addressing modes use DPRi. The contents of the DPRi indicate the base address (the lowest address) of the direct page area. The direct page area is specified in the space above this address. After reset, whether to use DPR0 only or DPR0 to DPR3 can be selected by the direct page register switch bit. (See Figure 2.1.5). This selection specifies the direct page area. Table 2.1.1 lists the selection of the direct page register. Figure 2.1.4 shows setting examples of the direct page area. At reset, DPR0 = “000016,” and each of DPR1 to DPR3 becomes undefined. q Addressing modes using direct page register Table 2.1.1 Selection of direct page register Usable DPRi Direct page area Direct page register switch bit 0 DPR0 256 bytes 1 DPR0 to DPR3 64 bytes at each DPRi Fig. 2.1.4 Setting examples of direct page area • Direct • Direct indexed X • Direct indexed Y • Direct indirect • Direct indexed X indirect • Direct indirect indexed Y • Direct indirect long • Direct indirect long indexed Y • Direct bit relative ❈ Refer to “7900 Series Software Manual” for addressing modes and instructions. 1000F16 1000016 1000F16 Bank 016 016 016 FF16 12316 22216 FF1016 1000016 FFFF16 When DPR0 = 000016 When DPR0 = 012316 When DPR0 = FF1016 Note: When the low-order 8 bits of DPRi = “00,” the number of cycles required for address generation becomes 1 cycle smaller. The direct page area is specified in space across banks 016 and 116 when DPR0 is “FF0116” or more. s Direct page register switch bit = 0 016 3F16 4016 7F16 FFD016 FFFF16 Bank 016 When DPR0 = 000016 When DPR1 = 004016 When DPR3 = FFD016 80016 83F16 When DPR2 = 080016 s Direct page register switch bit = 1 016 The direct page area is specified in the space across banks 016 and 116 when DPRi is “FFC116” or more. Bank 116 Bank 116 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |