Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7477 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 38Page - Renesas Technology Corp 7477 Datasheet HTML 39Page - Renesas Technology Corp 7477 Datasheet HTML 40Page - Renesas Technology Corp 7477 Datasheet HTML 41Page - Renesas Technology Corp 7477 Datasheet HTML 42Page - Renesas Technology Corp 7477 Datasheet HTML 43Page - Renesas Technology Corp 7477 Datasheet HTML 44Page - Renesas Technology Corp 7477 Datasheet HTML 45Page - Renesas Technology Corp 7477 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 354 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.7 Central processing unit (CPU)
1-25
Fig. 1.7.2 Register push and pop at interrupt generation and subroutine call
Note : Condition for acceptance of an interrupt
Interrupt disable flag is “0” (enable state)
Interrupt enable bit is “1” (enable state)
On-going routine
M(S)
(PCH)
(S)
(S)–1
M(S)
(PCL)
(S)
(S)–1
Subroutine
(S)
(S)+1
(PCL)
M(S)
(S)
(S)+1
(PCH)
M(S)
(PCH)
M(S)
(S)
(S)+1
(PCL)
M(S)
(S)
(S)+1
(PS)
M(S)
(S)
(S)+1
Interrupt Service
Routine
(S)
(S)–1
M(S)
(PS)
(S)
(S)–1
M(S)
(PCL)
(S)
(S)–1
M(S)
(PCH)
Execute JSR
Execute RTI
Execute RTS
Push return
address on
stack
Pop return
address from
stack
Pop contents of
Processor status
register from stack
Pop return
address from stack
Push contents of
Processor status
register on stack
Push return address
on stack
When a subroutine is called
When an interrupt is accepted
Interrupt request (Note)
I Flag is set from
“0” to “1”
Fetch the Jump
Vector
: Operation which is automatically performed by hardware
: Operation instructed by software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com