Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7477 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 18Page - Renesas Technology Corp 7477 Datasheet HTML 19Page - Renesas Technology Corp 7477 Datasheet HTML 20Page - Renesas Technology Corp 7477 Datasheet HTML 21Page - Renesas Technology Corp 7477 Datasheet HTML 22Page - Renesas Technology Corp 7477 Datasheet HTML 23Page - Renesas Technology Corp 7477 Datasheet HTML 24Page - Renesas Technology Corp 7477 Datasheet HTML 25Page - Renesas Technology Corp 7477 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 354 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.2 Group expansion
1-5
Mask ROM version
Mask ROM version
One Time PROM version
Mask ROM version
Mask ROM version
One Time PROM version
EPROM version
Emulator MCU
384
32P4B
32P2W-A
32P4B
32P2W-A
32P4B
32P2W-A
42P4B
56P6N-A
42P4B
56P6N-A
42P4B
56P6N-A
42S1B-A
42S1M
M37477M4-XXXSP
M37477M4-XXXFP
M37477M8-XXXSP
M37477M8-XXXFP
M37477E8-XXXSP
M37477E8-XXXFP
M37478M4-XXXSP
M37478M4-XXXFP
M37478M8-XXXSP
M37478M8-XXXFP
M37478E8-XXXSP
M37478E8-XXXFP
M37478E8SS
M37478RSS
Table 1.2.1 List of supported products
(As of Dec. 1997)
Product
M37470M2-XXXSP
M37470M4-XXXSP
M37470E4-XXXSP
M37470M8-XXXSP
M37470E8-XXXSP
M37471M2-XXXSP
M37471M2-XXXFP
M37471M4-XXXSP
M37471M4-XXXFP
M37471E4-XXXSP
M37471E4-XXXFP
M37471M8-XXXSP
M37471M8-XXXFP
M37471E8-XXXSP
M37471E8-XXXFP
M37471E8SS
M37471RSS
63.5K
(Note)
ROM
(bytes)
4096
8192
16384
8192
4096
16384
8192
16384
RAM
(bytes)
128
192
384
192
128
384
192
384
I/O Port
I/O ports: 22
(Including 4 analog
input pins.)
Input ports: 4
I/O ports: 28
(Including 8 analog
input pins.)
Input ports: 8
Package
32P4B
42P4B
56P6N-A
42P4B
56P6N-A
42P4B
56P6N-A
42P4B
56P6N-A
42P4B
56P6N-A
42S1B-A
42S1M
Remarks
Mask ROM version
One Time PROM version
Mask ROM version
One Time PROM version
Mask ROM version
One Time PROM version
Mask ROM version
One Time PROM version
EPROM version
Emulator MCU
8192
192
16384
384
16384
384
63.5K
(Note)
I/O ports: 18
(Including 4 analog
input pins.)
Input ports: 8
384
I/O ports: 20
Input ports: 16
(Including 8 analog
input pins.)
Note: Address space usable as a ROM area.
I/O ports: 20
(Including 8 analog
input pins.)
Input ports: 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com