Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7477 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 41Page - Renesas Technology Corp 7477 Datasheet HTML 42Page - Renesas Technology Corp 7477 Datasheet HTML 43Page - Renesas Technology Corp 7477 Datasheet HTML 44Page - Renesas Technology Corp 7477 Datasheet HTML 45Page - Renesas Technology Corp 7477 Datasheet HTML 46Page - Renesas Technology Corp 7477 Datasheet HTML 47Page - Renesas Technology Corp 7477 Datasheet HTML 48Page - Renesas Technology Corp 7477 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 354 page
background image
HARDWARE
1.8 Access area
7470/7471/7477/7478 GROUP USER’S MANUAL
1-28
1.8 Access area
In the 7470/7471/7477/7478 group, all ROM, RAM and I/O and the various control registers are located in
the same memory area. Accordingly, the same instructions are used for data transfer and arithmetic
operations without discriminating between a memory and an I/O.
The Program counter consists of 16 bits and the access space is 64K-byte of memory area: addresses
000016 to FFFF16.
The area of the least significant 256 bytes (addresses 000016 to 00FF16) is called the “zero page,” and
memories with a high frequency of use such as internal RAM, I/O ports and timers are located here. The
area of the most significant 256 bytes (addresses FF0016 to FFFF16) is called the “special page,” and an
internal ROM and interrupt vectors are located here.
The zero page and the special page can be accessed with 2 bytes by using each special addressing mode.
Figure 1.8.1 shows an outline of accsess area.
Fig. 1.8.1 Access area
Interrupt vector area
ROM
RAM
RAM
SFR area
000016
00C016
00FF16
FFFF16
FF0016
Zero page
Special page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com