Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7477 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 16Page - Renesas Technology Corp 7477 Datasheet HTML 17Page - Renesas Technology Corp 7477 Datasheet HTML 18Page - Renesas Technology Corp 7477 Datasheet HTML 19Page - Renesas Technology Corp 7477 Datasheet HTML 20Page - Renesas Technology Corp 7477 Datasheet HTML 21Page - Renesas Technology Corp 7477 Datasheet HTML 22Page - Renesas Technology Corp 7477 Datasheet HTML 23Page - Renesas Technology Corp 7477 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 354 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.2 Group expansion
1-3
1.2 Group expansion
The 7470/7471/7477/7478 group develops with the M37470M2-XXXSP as the base chip in the 7470 series.
The classification of the 7470 series is as follows.
7470 series
7470 group
7471 group
7477 group
7478 group
7480 group**
7481 group**
The 7470/7471/7477/7478 group permits group expansion as shown in Figure 1.2.1. This group expansion
is all performed only by differences in memory type and capacity and the number of ports. This allows the
user to select optimum elements according to the user's system.
The 7470/7471/7477/7478 group supports the following in addition to the mask ROM version.
(1) Support of One Time PROM version
The One Time PROM version is a programmable microcomputer and can perform a one-time write
operation to the built-in programmable ROM (PROM).
For the details, refer to “1.19 Built-in PROM version.”
(2) Support of EPROM version (with window)
The built-in EPROM version is a programmable microcomputer with window and can perform write
and erase operations to the built-in EPROM.
For the details, refer to “1.19 Built-in PROM version.”
(3) Support of emulator MCU
The emulator MCU is a microcomputer designed for program development which facilitates program
development and is an optimum element for system evaluation.
For the details, refer to“1.20 Emulator MCU.”
Table 1.2.1 shows the products which the 7470/7471/7477/7478 group supports.
In this manual, when multiple models are described collectively, their names are arranged by putting
“/” among them for separation.
7470 group, 7471 group
→ 7470/7471 group
7477 group, 7478 group
→ 7477/7478 group
7470 group, 7477 group
→ 7470/7477 group
7471 group, 7478 group
→ 7471/7478 group
**:Under development



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com