Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7477 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 27Page - Renesas Technology Corp 7477 Datasheet HTML 28Page - Renesas Technology Corp 7477 Datasheet HTML 29Page - Renesas Technology Corp 7477 Datasheet HTML 30Page - Renesas Technology Corp 7477 Datasheet HTML 31Page - Renesas Technology Corp 7477 Datasheet HTML 32Page - Renesas Technology Corp 7477 Datasheet HTML 33Page - Renesas Technology Corp 7477 Datasheet HTML 34Page - Renesas Technology Corp 7477 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 354 page
background image
HARDWARE
1.5 Pin description
7470/7471/7477/7478 GROUP USER’S MANUAL
1-14
Name
Power source
Analog power source
Reference voltage input
Reset input
Clock input
Clock output
I/O port P0
Functions
• Apply the following voltage to the VCC pin:
2.7 V to 4.5 V
(at f(XIN) = (2.2 VCC–2) MHz clock input oscillation frequency)
or
4.5 V to 5.5 V
(at f(XIN) = 8 MHz clock input oscillation frequency).
• Apply 0 V to the VSS pin.
• Ground level input pin for the A-D converter.
• Apply the same voltage as VSS pin to the AVSS pin.
Note: This pin is dedicated to 56P6N-A package
products among the 7471/7478 group.
• Reference voltage input pin for the A-D converter.
• When using the A-D converter, apply 0.5 VCC (
Q
2) to VCC [V].
• When not using the A-D converter, connect to VCC.
• Reset input pin
• The microcomputer is put into a reset state by
_________________________
keeping the RESET pin at “L” for 2
µs or more,
and the reset state is released by returning the
______________________
RESET
pin to “H.”
• An input pin and an output pin for the main clock
generating circuit.
• Connect a ceramic resonator or a quartz-crystal
oscillator between pins XIN and XOUT.
• A feedback resistor is incorporated between the
XIN and the XOUT pins.
• To use an external clock input, connect the clock
oscillation source to the XIN pin and leave the
XOUT pin open.
• Port P0 is an 8-bit I/O port.
• The output structure is CMOS output.
• In input mode, a pull-up transistor is connectable
in units of one bit.
• In input mode, a key-on wake up function is pro-
vided.
1.5 Pin description
Tables 1.5.1 to 1.5.3 show a pin description.
For pin functions in the EPROM mode of the built-in programmable ROM version, refer to “1.19.2 Pin
description.”
Table 1.5.1 Pin description (1)
Input/
Output
Input
Input
Input
Output
I/O
Pin
VCC, VSS
AVSS
VREF
______________________________
RESET
XIN
XOUT
P00–P07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com