Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7477 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 66Page - Renesas Technology Corp 7477 Datasheet HTML 67Page - Renesas Technology Corp 7477 Datasheet HTML 68Page - Renesas Technology Corp 7477 Datasheet HTML 69Page - Renesas Technology Corp 7477 Datasheet HTML 70Page - Renesas Technology Corp 7477 Datasheet HTML 71Page - Renesas Technology Corp 7477 Datasheet HTML 72Page - Renesas Technology Corp 7477 Datasheet HTML 73Page - Renesas Technology Corp 7477 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 354 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.11 Interrupts
1-53
Program counter
Stack pointer
Stack area
Program counter (high-order)
Program counter (low-order)
(S)
(from Interrupt vector area)
Vector address
(S) – 3
Processor status register
Program counter (low-order)
Program counter (high-order)
Interrupt
request is
accepted
Interrupt disable flag = “1”
Interrupt disable flag = “0”
S
PCH
PCL
S
PCH
PCL
(S)
(S) – 3
(S)
Stack area
Program counter
Stack pointer
(2) Processing upon acceptance of interrupt
When an interrupt is accepted, the following operations are automatically performed.
1 The processing being executed is interrupted.
2 The contents of the Program counter and the Processor status register are pushed to the stack
area.
Figure 1.11.3 shows a change of the contents of the Program counter and the Stack pointer upon
acceptance of the interrupt.
3 The vector address (start address of the interrupt processing routine) stored in the vector area
corresponding to the generated interrupt concurrently with pushing is set in the Program counter
and the interrupt processing routine is executed.
4 After the interrupt processing routine is started, the corresponding interrupt request bit is automatically
cleared to “0.” The interrupt disable flag is set to “1,” thereby disabling a multi-interrupt.
To execute the interrupt processing routine, it is necessary to set a vector address in the vector
area corresponding to each interrupt beforehand.
Fig. 1.11.3 Changes of contents of Program counter and Stack pointer upon acceptance of interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com