Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7477 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 82Page - Renesas Technology Corp 7477 Datasheet HTML 83Page - Renesas Technology Corp 7477 Datasheet HTML 84Page - Renesas Technology Corp 7477 Datasheet HTML 85Page - Renesas Technology Corp 7477 Datasheet HTML 86Page - Renesas Technology Corp 7477 Datasheet HTML 87Page - Renesas Technology Corp 7477 Datasheet HTML 88Page - Renesas Technology Corp 7477 Datasheet HTML 89Page - Renesas Technology Corp 7477 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 354 page
background image
1-69
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.12 Timers
(2) Event counter mode
In the event counter mode, the same operations as those in the timer mode are performed, with the
exception that the signal input from the CNTR0 pin becomes a count source of Timer 1 and the signal
input from the CNTR1 pin becomes a count source of Timer 3 and Timer 4.
The operation in the event counter mode are described below.
1 Start of count operation
After the count stop bit is cleared to “0,” a count operation starts. Each time a count source is
input, the contents of the timer are decremented by 1.
For the active edge of count source, a rise or a fall can be selected by the edge polarity selection
register (address 00D416).
Note: Because the count stop bit is “0” immediately after reset release, the count operation is
automatically started after reset release but the count source is not a CNTR pin input (operates
as the timer mode).
2 Reload operation
When the timer overflows, the value resulting from decrementing 1 from the contents of the timer
latch is transferred (reloaded) to the timer.
3 Interrupt operation
2Timer interrupt
When the timer overflows, an interrupt request occurs, so that the interrupt request bit is set
to “1.” The acceptance of interrupt is controlled by the interrupt enable bit of each timer.
2CNTR interrupt
An interrupt request is generated from the edge of the count source input from the CNTR0 pin
or the CNTR1 pin, so that the interrupt request is set to “1.” The acceptance of interrupt is
controlled by the interrupt enable bit of each timer.
The edge polarity selection register selects an active edge of count source and a CNTR0/
CNTR1 interrupt.
4 Stop of count operation
When the counter stop bit is set to “1” by software, the count operation stops. (The count operation
continues until “1” is set in the count stop bit.)
Figure 1.12.4 shows an example of event counter mode operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com