Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7477 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 49Page - Renesas Technology Corp 7477 Datasheet HTML 50Page - Renesas Technology Corp 7477 Datasheet HTML 51Page - Renesas Technology Corp 7477 Datasheet HTML 52Page - Renesas Technology Corp 7477 Datasheet HTML 53Page - Renesas Technology Corp 7477 Datasheet HTML 54Page - Renesas Technology Corp 7477 Datasheet HTML 55Page - Renesas Technology Corp 7477 Datasheet HTML 56Page - Renesas Technology Corp 7477 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 354 page
background image
HARDWARE
1.10 I/O pins
7470/7471/7477/7478 GROUP USER’S MANUAL
1-36
Fig. 1.10.1 I/O port writing and reading
Port register
P0
P1
P2
P3
P4
P5 (Note)
Table 1.10.1 Port register address allocation
Address
00C016
00C216
00C416
00C616
00C816
00CA16
Note: The 7470/7477 group is not provided
with P5.
:The P channel transistor and the N channel transistor are in a cut-off state.
At output : An output value can be set by writing to the
Port register
Port direction
register
( “1” )
“H” level output
“L” level output
At input : A write operation is enabled to the
Port register.
Port register
(When Writing)
Port register
(When Reading)
Port direction
register
( “0” )
Each pin state can be read in by
reading the Port register.
Port register. The Port register can be read out.
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com