Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7522 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7522
Description  Digital Servo & Decoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7522 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7522 Datasheet HTML 4Page - STMicroelectronics TDA7522 Datasheet HTML 5Page - STMicroelectronics TDA7522 Datasheet HTML 6Page - STMicroelectronics TDA7522 Datasheet HTML 7Page - STMicroelectronics TDA7522 Datasheet HTML 8Page - STMicroelectronics TDA7522 Datasheet HTML 9Page - STMicroelectronics TDA7522 Datasheet HTML 10Page - STMicroelectronics TDA7522 Datasheet HTML 11Page - STMicroelectronics TDA7522 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
TDA7522
8/23
Table 2. Main DC Characteristics (I)
Table 3. Main DC Characteristics (II)
4.0 STANDARD VERSION MEMORY MAP
The memory spase, as seen by ST7 is defined in table 4; please take note that there are registers which
are used for less than 8 bit or, on the other side, when read only certan bit contain useful information. Re-
ferr to appendix a to have a complete list of register structure.
Table 4. TDA7522 Memory Map
Current input
Condition
Min
Typ
Max
Unit
A+C diode input
1
16
µA
B+D diode input
1
16
µA
E diode input
1
16
µA
F diode input
1
16
µA
Voltage input
Condition
Min
Typ
Max
Unit
A+C diode input
45
700
mVpp
B+D diode input
45
700
mVpp
E diode input
45
700
mVpp
F diode input
45
700
mVpp
Address
Block
Register name
Reset
Status
Remarks
0000h
0001h
0002h
0003h
Port A
Data Register
Data Direction Register
Option Register
Pull Up Register
00h
00h
00h
00h
R/W Register
R/W Register
R/W Register
R/W Register
0004h
0005h
0006h
0007h
Port B
Data Register
Data Direction Register
Option Register
Pull Up Register
00h
00h
00h
00h
R/W Register
R/W Register
R/W Register
R/W Register
0008h
........
000Bh
Reserved
000Ch
ST7 Miscellaneous Register
00h
See specifications
000Dh
Not Available
000Eh
000Fh
0010h
Reserved for ST7 TEST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com