Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7522 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7522
Description  Digital Servo & Decoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7522 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7522 Datasheet HTML 15Page - STMicroelectronics TDA7522 Datasheet HTML 16Page - STMicroelectronics TDA7522 Datasheet HTML 17Page - STMicroelectronics TDA7522 Datasheet HTML 18Page - STMicroelectronics TDA7522 Datasheet HTML 19Page - STMicroelectronics TDA7522 Datasheet HTML 20Page - STMicroelectronics TDA7522 Datasheet HTML 21Page - STMicroelectronics TDA7522 Datasheet HTML 22Page - STMicroelectronics TDA7522 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
TDA7522
20/23
Figure 5. Delta Sigma Functions
5.10 Decimation filter
This is for Down sampling filter of Diode signals which have been digitized with Oversampling in Analog
stage (TDA7521).
Input Signals are A+C, B+D, E, F diode signals;
Initial sampling frequency
48Fs (2.1168MHz) / 96Fs (4.2336MHz) for 2x, 4x speed
6 bit resolutions from ADC
After Downsampling
2Fs (88.2KHz) / 4Fs (176.4KHz) for 2x, 4x speed
10 bit resolutions into Servo Block
Downsampling ratio
24times.
5.11 PDM/PWM
This is a single end output stage of Tracking, Focusing actuator, Sled and Spindle motor signal using fol-
lowing technic.
Pulse-width modulation (PWM)
Pulse density modulation (PDM)
There are 8 bit Output accuracy.
5.12 SPDIF
This is a decoder to output Audio&Subcode data based on standard format of AES/EBU digital output.
8 times Oversampling filter
FIR
FIR
FIR
x2
x2
x2
Linear
interpolation
32 times OVS
x256 Oversampling
SW by DSP
HW
Fs: 44.1KHz
Fs: 11.28MHz 22bit input
1bit output
2nd
Noise
Shaper
3rd
order
SC filter
Smoothing
filter
TDA7522
TDA7521
Analog section
Digital Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com