Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7522 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7522
Description  Digital Servo & Decoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7522 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7522 Datasheet HTML 1Page - STMicroelectronics TDA7522 Datasheet HTML 2Page - STMicroelectronics TDA7522 Datasheet HTML 3Page - STMicroelectronics TDA7522 Datasheet HTML 4Page - STMicroelectronics TDA7522 Datasheet HTML 5Page - STMicroelectronics TDA7522 Datasheet HTML 6Page - STMicroelectronics TDA7522 Datasheet HTML 7Page - STMicroelectronics TDA7522 Datasheet HTML 8Page - STMicroelectronics TDA7522 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1/23
PRODUCT PREVIEW
This is preliminary information on a new product now in development. Details are subject to change without notice.
TDA7522
Digital Servo & Decoder
s
BUILT IN 8Bit MICROCONTROLLER
(STANDARD ST7) with:
– 24 KByte ROM available for ST7 & Servo-Audio
DSP
– 1024Byte RAM, including 128byte stack
– 4KByte RAM for CD-Text memory (for 1block)
– Built in R-W subcode buffer (Max. 144Byte
8packs) for CD-Text
– 24 bit general I/O port (PoartA[7-0], PortB[7-0],
PortC[7-0])
– One External Interrupt (16 IRQ encoder inside)
– 16bit free running counter timer
– 8bit 1ch general purpose A/D
–I2C bus I/F
– Watch dog
– Kenwood I/F
s
STAND-BY MODE (Stop all clocks and Shut down power of Peripheral (PON pin))
s
BUILT IN SERVO & AUDIO DIGITAL SIGNAL PROCESSOr (SAC-DSP) inclusive of:
– 1024x19bit Program RAM
– 512x16bit Coefficient RAM
– 1024x20bit Data RAM
– 128x6bit Decimation RAM
– MAC: 16 bit (Coefficients) x 20 bit (data) multiplier with 38 bit adder
– Instruction execution rate as high as 56MIPS
s
BUILT IN PROGRAMMABLE CLOCK GENERATOR PLL
s
PERIPHERALS for CD PLAYER APPLICATION
– Data Acquisition, Erasure correction, CLV&CAV controller
– Subcode decoder (CD-Text, CD-Graphic I/F)
– Shock proof memory controller, Disturbance detector
– Decimation filter
s
ACTUATORS DRIVING MODE SELECTABLE between PWM or PDM MODE
s
256Fs / 384Fs (16.9344MHz) CLOCK INPUT.
May 1998
TQFP80
(14 x 14 x 1.40mm body)


Similar Part No. - TDA7522

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
TDA7528 STMICROELECTRONICS-TDA7528 Datasheet
89Kb / 5P
AM/FM car radio Front-End receiver for IF sampling tuners
28-Jun-2006
TDA7529 STMICROELECTRONICS-TDA7529 Datasheet
618Kb / 60P
RF front-end for AM/FM DSP car-radio with IF sampling
07-Mar-2007
TDA7529TR STMICROELECTRONICS-TDA7529TR Datasheet
618Kb / 60P
RF front-end for AM/FM DSP car-radio with IF sampling
07-Mar-2007
TDA7529 STMICROELECTRONICS-TDA7529_11 Datasheet
473Kb / 61P
RF front-end for AM/FM DSP car-radio with IF sampling
17-Dec-2009
More results

Similar Description - TDA7522

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7370 PHILIPS-SAA7370 Datasheet
321Kb / 60P
Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7370A PHILIPS-SAA7370A Datasheet
248Kb / 60P
Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7371 PHILIPS-SAA7371 Datasheet
247Kb / 60P
Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7372 PHILIPS-SAA7372 Datasheet
323Kb / 60P
Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7373 PHILIPS-SAA7373 Datasheet
323Kb / 60P
Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7374 PHILIPS-SAA7374 Datasheet
324Kb / 60P
Low voltage digital servo processor and Compact Disc decoder CD7LV
1998 Feb 26
SAA7376 PHILIPS-SAA7376 Datasheet
311Kb / 56P
Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7377 PHILIPS-SAA7377 Datasheet
311Kb / 56P
Digital servo processor and Compact Disc decoder CD7
1998 Jul 06
SAA7378GP PHILIPS-SAA7378GP Datasheet
202Kb / 45P
Single Chip Digital Servo Processor and Compact Disc Decoder
May1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com