Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7522 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7522
Description  Digital Servo & Decoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7522 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7522 Datasheet HTML 11Page - STMicroelectronics TDA7522 Datasheet HTML 12Page - STMicroelectronics TDA7522 Datasheet HTML 13Page - STMicroelectronics TDA7522 Datasheet HTML 14Page - STMicroelectronics TDA7522 Datasheet HTML 15Page - STMicroelectronics TDA7522 Datasheet HTML 16Page - STMicroelectronics TDA7522 Datasheet HTML 17Page - STMicroelectronics TDA7522 Datasheet HTML 18Page - STMicroelectronics TDA7522 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
15/23
TDA7522
Figure 3. ST7 Interface Overview
ST7 is Supervisor of complete CD system such as Servo, Main Processor Communication, DSP control.
Some Tasks of ST7 are as follows:
– Supervisor of all sub blocks
– Initialization of Coefficients for SAC-DSP Digital Servo
– Initialization of parameters of all sub blocks
– Focus search and quick restart
– Coarse Adjustments for Gain(Laser), Offset in Analog front end
– Fine Adjustments for Balance, Offset, Servo Gain in DSP
– Command interpreter and communication with external MPU
– Play & Subcode control, Music search, Random search, Program Play, Scan, Repeat etc.
– One, Ten and Long tracking jump and Pause implementation
– Linear velocity measurement (disc speed)
– Computation of the number of tracks for jump
– Shock proof memory control for data synchronization after shock
ST7 CORE
TDA7522
CS
Address Bus (0:6)
Data Bus (0:7)
IMU
AGU
CD TEXT
4 KBytes
RAM
24 KBytes
ROM
TIMER
Watchdog
CS
CS
CS
CS
Address Bus (0:15)
Data Bus (0:7)
1024
CS
General Purpose I/O
Port A,B
Bytes
RAM
PERIPHERALS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com