Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7522 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7522
Description  Digital Servo & Decoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7522 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7522 Datasheet HTML 5Page - STMicroelectronics TDA7522 Datasheet HTML 6Page - STMicroelectronics TDA7522 Datasheet HTML 7Page - STMicroelectronics TDA7522 Datasheet HTML 8Page - STMicroelectronics TDA7522 Datasheet HTML 9Page - STMicroelectronics TDA7522 Datasheet HTML 10Page - STMicroelectronics TDA7522 Datasheet HTML 11Page - STMicroelectronics TDA7522 Datasheet HTML 12Page - STMicroelectronics TDA7522 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9/23
TDA7522
0011h
0012h
0013h
0014h
0015h
0016h
0017h
0018h
0019h
001Ah
001Bh
001Ch
001Dh
001Eh
001Fh
Timer
Control Register 2
Control Register 1
Status Register
Input Capture 1 High Register
Input Capture 1 Low register
Output Compare 1 High register
Output Compare 1 Low Register
Counter High Register
Counter Low Register
Alternate Counter High Register
Alternate Counter Low Register
Input Capture 2 High Register
Input Capture 2 Low register
Output Compare 2High register
Output Compare 2Low Register
00h
00h
00h
00h
00h
00h
00h
FFh
FCh
00h
00h
00h
00h
00h
00h
R/W Register
R/W Register
Read only
Register
Read only
Register
Read only
Register
R/W Register
R/W Register
Read only
Register
Read only
Register
Read only
Register
Read only
Register
Read only
Register
Read only
Register
R/W Register
R/W Register
0020h
0021h
0022h
0023h
Port C
Data Register
Data Direction Register
Option Register
Pull Up Register
00h
00h
00h
00h
R/W Register
R/W Register
R/W Register
R/W Register
0024h
WD
Watch Dog Configuration Register
7Fh
R/W Register
0025h
Not Available
0026h
0027h
0028h
0029h
002Ah
002Bh
002Ch
I
2C
CR: Control Register
SR1: Status Register 1
SR2: Status Register 2
Not Used (CCR: Clock Control Register)
OAR1: Own Address Register 1
TX_DATA: Transmission Data
RX_DATA: Received Data
00h
00h
00h
00h
00h
00h
00h
R/W Register
Read only
Register
Read only
Register
R/W Register
R/W Register
R/W Register
R/W Register
002Dh
002Eh
002Fh
0030h
0031h
0032h
0033h
Equalizer
EQU_HPF: Controll & HP Filter Coefficient
EQU_FIR0: FIR Filter Coefficient
EQU_FIR1: FIR Filter Coefficient
EQU_FIR2: FIR Filter Coefficient
EQU_FIR3: FIR Filter Coefficient
EQU_FIR4: FIR Filter Coefficient
EQU_FIR5: Gain Register
00h
00h
00h
00h
00h
00h
00h
R/W Register
R/W Register
R/W Register
R/W Register
R/W Register
R/W Register
R/W Register
0034h
0035h
0036h
0037h
Subcode
Extraction
QSR: Q Subcode Status Register
QSD: Q Subcode Data Register
CDTSR: CD Text Status Register
CDTDR: CD Text Data Register
00h
00h
00h
00h
R/W Register
R/W Register
R/W Register
R/W Register
0038h
0039h
003Ah
Not Available
Not Available
Not Available
Address
Block
Register name
Reset
Status
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com