Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7522 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7522
Description  Digital Servo & Decoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7522 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7522 Datasheet HTML 13Page - STMicroelectronics TDA7522 Datasheet HTML 14Page - STMicroelectronics TDA7522 Datasheet HTML 15Page - STMicroelectronics TDA7522 Datasheet HTML 16Page - STMicroelectronics TDA7522 Datasheet HTML 17Page - STMicroelectronics TDA7522 Datasheet HTML 18Page - STMicroelectronics TDA7522 Datasheet HTML 19Page - STMicroelectronics TDA7522 Datasheet HTML 20Page - STMicroelectronics TDA7522 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17/23
TDA7522
– Some Digital filters for Adjustments by ST7
– Sine wave generator for reference of internal adjustment and DAC measurement
– Filter for Shock detector
– 8 times high end Audio Over sampling
– De-emphasis filter
– Audio attenuation, mute and balance
– Internal Signal observation feature for user measurement
– Soft mute and data concealment
– Audio peak detection
– Focus error, Tracking error generation
– Equalization of Tracking Zero Cross signal
– Sound Vector Enhancement filter.
5.3 DATA Acquisition
The digital HF signal is input to an digital equalizer to improved the bit detection. Different equalizer coef-
ficients are selectable by MPU.
The digital data slicer is implemented and the internal slice level is calculated by using a leakage free in-
tegrator which is subtracted from HF. The properly levelled EFM is delivered to the edge detector and a
digital bit clock PLL. On this stage, no analog VCO is necessary to obtain bit clock but DTO (Discrete Time
Oscillator) is used.
The Digital PLL block consists of following functions;
– Adaptive HF Equalization
– HF HPF for disturbance rejection
– Digital Data slicer
– Linear interpolation for Phase error measurement
– Run length detection for Frequency error measurement
– Frequency & Phase Control loop
–DTO block
– EFM bit generation.
The serial bit stream signal from the phase detected is sent to a shift register block, which includes differ-
ent functions as follows;
– serial to parallel conversion
– detection of frame sync pattern
– protection and insertion of frame sync
– bit clock counter (588 bits per frame)
– synchronization and sync window logic
– 14 to 8 bit demodulation
– subcode extraction.
5.4 Subcode extraction
This block receives the subcode data stream and the related S0/S1 synchronization information from Ac-
quisition part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com