Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7522 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7522
Description  Digital Servo & Decoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7522 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7522 Datasheet HTML 1Page - STMicroelectronics TDA7522 Datasheet HTML 2Page - STMicroelectronics TDA7522 Datasheet HTML 3Page - STMicroelectronics TDA7522 Datasheet HTML 4Page - STMicroelectronics TDA7522 Datasheet HTML 5Page - STMicroelectronics TDA7522 Datasheet HTML 6Page - STMicroelectronics TDA7522 Datasheet HTML 7Page - STMicroelectronics TDA7522 Datasheet HTML 8Page - STMicroelectronics TDA7522 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5/23
TDA7522
33
TESTEN
I
Test enable signal (Active low)
34
SCK
I
IIC I/F clock signal
35
SDA
I/O
IIC I/F data
36
SCANEN
I
Scan enable (active high) or select DRAM outputs as TEST
outputs when TESTEN is inactive
37
KASEL
I/O
DAC polarity selection pin or ST7 GPIO PA0
38
KTEST
I/O
User test mode selection or ST7 GPIO PA1
39
KSEARCH
I/O
Gain change during search or ST7 GPIO PA3
40
MSTOP
I/O
interrupt request/stand-by pin or ST7 GPIO PC5
41
SLEDL
I/O
SLED limit switch or ST7 GPIO PC6
42
K_VER_HOR
I/O
Indication of vertical or horizontal operation
or ST7 GPIO PA4
43
WFCK
O
Write Frame clock for Subcode P-W output
44
EXCK
I
SBSO readout clock input
45
SBSO
O
Subcode P-W serial output
46
SCOR
O
Subcode sync output
47
DOUT
O
SPDIF Digital audio output
48
CS
I/O
ST7 GPIO PC4
49
SRQ
I/O
ST7 GPIO PC3
50
CORE_VDD_3
Vdd
Digital Power supply
51
CORE_VSS_3
Gnd
Digital Ground
52
DATAS
I/O
ST7 GPIO PC2
53
DATAM
I/O
ST7 GPIO PC1
54
CLK
I/O
ST7 GPIO PC0
55
DRS
I/O
Shock proof memory Read control
56
DWR
I/O
Shock proof memory Write control
57
CAS
I/O
Shock proof memory Column address select
58
RAS
I/O
Shock proof memory Row address select
59
DRA11
I/O
DRAM Address 11
60
DRA10
I/O
DRAM Address 10
61
DRA9
I/O
DRAM Address 9 or Mirror signal output
62
DRA8
I/O
DRAM Address 8 or TZC (Tracking Zero Cross) signal output
63
DRA7
I/O
DRAM Address 7 or FOK (Focus OK) signal output
64
DRA6
I/O
DRAM Address 6 or ST7 GPIO PB7 or PLLINF signal output
Pin Number
Name
Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com