Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7522 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7522
Description  Digital Servo & Decoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7522 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7522 Datasheet HTML 8Page - STMicroelectronics TDA7522 Datasheet HTML 9Page - STMicroelectronics TDA7522 Datasheet HTML 10Page - STMicroelectronics TDA7522 Datasheet HTML 11Page - STMicroelectronics TDA7522 Datasheet HTML 12Page - STMicroelectronics TDA7522 Datasheet HTML 13Page - STMicroelectronics TDA7522 Datasheet HTML 14Page - STMicroelectronics TDA7522 Datasheet HTML 15Page - STMicroelectronics TDA7522 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
TDA7522
12/23
4.1 ST7 Scratch Memory Map
As far as concern ST7 scratch memory, it is mapped as follow:
00A0 - 00FF
RAM
0100 - 017F
Stack
0180 - 049F
RAM
total is 1024 Kbyte.
0095h
0096h
0097h
0098h
0099h
009Ah
009Bh
Not Available
Not Available
Not Available
Not Available
Not Available
Not Available
Not Available
009Ch
009Dh
ADC
TEMP.
ADC_CR:Control Register
ADC_DATA: ADC Readout Value
009Eh
009Fh
UART
TDA7521 I/F: Data Register
TDA7521 I/F: Controll Register
00h
00h
R/W Register
R/W Register
00A0h
to
049Fh
RAM 1024Bytes
including
(STACK 128Byte)
04A0h to
8FFFh
Not Available
9000h to
9FFFh
4KBytes of CDTEXT RAM
A000h to
FFDFh
ROM 24KBytes
FFE0h to
FFFFh
User Vectors Interrupt and Reset Vectors
Address
Block
Register name
Reset
Status
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com