Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7522 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7522
Description  Digital Servo & Decoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7522 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7522 Datasheet HTML 7Page - STMicroelectronics TDA7522 Datasheet HTML 8Page - STMicroelectronics TDA7522 Datasheet HTML 9Page - STMicroelectronics TDA7522 Datasheet HTML 10Page - STMicroelectronics TDA7522 Datasheet HTML 11Page - STMicroelectronics TDA7522 Datasheet HTML 12Page - STMicroelectronics TDA7522 Datasheet HTML 13Page - STMicroelectronics TDA7522 Datasheet HTML 14Page - STMicroelectronics TDA7522 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11/23
TDA7522
0068h
0069h
006Ah
006Bh
PWM
/PDM
SLED_CR: Sled Control Register
SLED_DR: Data to control the sled by ST7
SPDL_DR: Data to control spindle motor
PWM_CR: Pwm output control register,
00h
00h
00h
00h
R/W Register
R/W Register
R/W Register
R/W Register
006Ch
Not Available
006Dh
006Eh
PLL
PLL_CR1: Control Register 1
CLKCNTL: Clock Control Register
40h
00h
R/W Register
R/W Register
006Fh
0070h
0071h
CLV/CAV
CLV_CR1: Control Register 1
CLV_CR2: Control Register 2
CLV_CR3: Control Register 3
05h
00h
40h
R/W Register
R/W Register
R/W Register
0072h
0073h
Decimation
DEC_SR: Decimation Status Register
DEC_CR: Decimation Control Register
00h
00h
R
Register
R/W Register
0074h
Not Available
0075h
0076h
KIF
Interface
KENWOOD I/F: Register 1
KENWOOD I/F: Register 2
00h
00h
R/W Register
R/W Register
0077h
0078h
Interrupt
MASK
MASK1: Interrupt Mask Enable Register
MASK2: Interrupt Mask Enable Register
00h
00h
R /W Register
R/W Register
0079h
007Ah
007Bh
007Ch
007Dh
007Eh
CIRC
CONFIG1: Configuration register for CIRC
CONFIG2: Configuration register for CIRC
FIFO1: Offset between read & write pointer
FIFO2: Status register for FIFO
C1ERRS: Error number by C1 decoder
C2ERRS: Error number by C2 decoder
1Ah
19h
C0h
00h
00h
00h
R/W Register
R/W Register
R
Register
R/W Register
R/W Register
R/W Register
007Fh
DAC
DAC_CSR: Control /Status Register
00h
R/W Register
0080h
0081h
0082h
0083h
0084h
0085h
0086h
0087h
0088h
0089h
008Ah
008Bh
SAC_DSP
DATA_LB: Lower Byte Data Register
DATA_MB: Middle Byte Data Register
DATA_UP: Upper Nibble Data + service bit
DATA_AR_LB: Data Address
COEF_AR_LB: Coefficient Address
PROG_AR_LB: Program Address
DCPSR: Miscellaneous Control/Data Reg.
DSP_ALU1: ALU contains, LSBs
DSP_ALU2: ALU contains, MSBs
AUDIOC: Audio Control Register
DSP_CR: Control Register
SHOCK_CMP: Shock Comparor
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
R/W Register
R/W Register
R/W Register
R/W Register
R/W Register
R/W Register
R/W Register
R
Register
R
Register
R/W Register
R/W Register
R/W Register
008Ch
008Dh
008Eh
008Fh
Not Available
Not Available
Not Available
Not Available
0090h
0091h
0092h
CXD
(Crossover
Detection)
G1-EQUALISER: Coefficient Value
G2-EQUALISER: Coefficient Value
G3-EQUALISER: Coefficient Value
00h
00h
00h
R/W Register
R/W Register
R/W Register
0093h
0094h
TEST
SELECTION
MUX_1: used only on development version
MUX_2: used only on development version
R/W Register
R/W Register
Address
Block
Register name
Reset
Status
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com