Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7580 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM DIGITAL IF SAMPLING PROCESSOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7580 Datasheet HTML 3Page - STMicroelectronics TDA7580 Datasheet HTML 4Page - STMicroelectronics TDA7580 Datasheet HTML 5Page - STMicroelectronics TDA7580 Datasheet HTML 6Page - STMicroelectronics TDA7580 Datasheet HTML 7Page - STMicroelectronics TDA7580 Datasheet HTML 8Page - STMicroelectronics TDA7580 Datasheet HTML 9Page - STMicroelectronics TDA7580 Datasheet HTML 10Page - STMicroelectronics TDA7580 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7/31
TDA7580
30
RDS_CS
B
RDS chip select. When RESETN rising,
If RDS_CS 0, the RDS’s SPI is selected;
else RDS’s I2C
DSP1 GPIO5
5V tolerant
With internal pull_up, on
at reset
Input
31
INT
I
DSP0 External Interrupt
5V tolerantWith internal
pull_up, on at reset
32
ADDR_SD
B
IFS chip master (Low) or slave (High)
mode selection, latched in upon
RESETN release. It selects the LSB of
the I2C addresses.
Station Detector output
DSP0 GPIO2
5V tolerantWith internal
pull_down, on at reset
Input
33
RESETN
I
Chip Hardware reset, active Low
5V tolerant
With internal pull_up
34
VDD
P
Digital Power Supply
1.8V
35
GND
G
Digital Power Ground
36
TESTN
I
Test Enable pin, active Low
With internal pull_up
37
GPIO_SDO1
B
DSP0 GPIO for Boot selection or Audio
SAI0 output.
5V tolerant
DSP0 GPIO3
With internal pull_up, on
at reset
Input
38
TST4_SDI0
B
Audio SAI0 Data input or test selection
pin in Test Mode
5V tolerant
DSP0 GPIO5With
internal pull_up, on at
reset
Input
39
TST1_SDI1
B
DSP0 GPIO for Boot selection or Audio
SAI1 input. Test selection pin in Test
Mode.
5V tolerant
DSP0 GPIO4With
internal pull_up, on at
reset
Input
40
GNDH
G
3.3V IO Ring Power Ground (Audio SAI,
ResetN, Test Pins)
41
VDDH
P
3.3V IO Ring Power Supply (Audio SAI,
ResetN, Test Pins)
42
SDO0
B
Radio or Audio SAI0 data output
5V tolerant
With internal pull_up, on
at reset
Output
43
SCLK_SCKT
B
SAI0 Receive and Transmit bit clock
(master or slave with ASRC); SAI1
Transmit bit clock
5V tolerant
With internal pull_up, on
at reset
Input
44
LRCK_LRCKT
B
SAI0 Receive and Transmit LeftRight
clock (master or slave with ASRC); SAI1
Transmit LeftRight clock
5V tolerant
With internal pull_up, on
at reset
Input
Name
Type
Description
Notes
After
Reset
PIN DESCRIPTION (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com