Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7580 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM DIGITAL IF SAMPLING PROCESSOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7580 Datasheet HTML 5Page - STMicroelectronics TDA7580 Datasheet HTML 6Page - STMicroelectronics TDA7580 Datasheet HTML 7Page - STMicroelectronics TDA7580 Datasheet HTML 8Page - STMicroelectronics TDA7580 Datasheet HTML 9Page - STMicroelectronics TDA7580 Datasheet HTML 10Page - STMicroelectronics TDA7580 Datasheet HTML 11Page - STMicroelectronics TDA7580 Datasheet HTML 12Page - STMicroelectronics TDA7580 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
9/31
TDA7580
58
DBOUT1
B
DSP1 GPIO or DSP1 Debug Port Data
Out (DBOUT1) if HS3I master mode,
else High Speed Synchronous Serial
Interface (HS3I) clock
DSP1 GPIO10
5V tolerant
With internal pull_up, on
at reset
Input
59
VDD
P
Digital Core Power Supply
1.8V
60
GND
G
Digital Core Power Ground
61
VDDISO
P
3.3V N-isolation biasing supply
Clean 3.3V supply to be
star-connected to
voltage regulator
62
GNDH
G
3.3V IO Ring Power Ground (Modulator
digital section)
63
VDDH
P
3.3V IO Ring Power Supply (Modulator
digital section)
64
VDDSD
P
3.3V IFADC Modulator Analogue Power
Supply
Clean Power Supply, to
be star-connected to
3.3V voltage regulator
Name
Type
Description
Notes
After
Reset
PIN DESCRIPTION (continued)
I/O TYPE
P: Power Supply from Voltage regulator
G: Power Ground from Voltage regulator
A: Analogue I/O
I: Digital Input
O: Digital Output
B: Bidirectional I/O
I/O DEFINITION AND STATUS
Z: high impedance (input)
O: logic low output
X: undefined output
1: logic high output
Output PP: Push-Pull/ OD: Open-Drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com