Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7580 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM DIGITAL IF SAMPLING PROCESSOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7580 Datasheet HTML 1Page - STMicroelectronics TDA7580 Datasheet HTML 2Page - STMicroelectronics TDA7580 Datasheet HTML 3Page - STMicroelectronics TDA7580 Datasheet HTML 4Page - STMicroelectronics TDA7580 Datasheet HTML 5Page - STMicroelectronics TDA7580 Datasheet HTML 6Page - STMicroelectronics TDA7580 Datasheet HTML 7Page - STMicroelectronics TDA7580 Datasheet HTML 8Page - STMicroelectronics TDA7580 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5/31
TDA7580
PIN DESCRIPTION
Name
Type
Description
Notes
After
Reset
1
VHI
A
Internally generated IFADC Opamps
2.65V (@VDD=3.3V) Reference Voltage
Pin for external filtering
It needs external 22
µF
and 220nF ceramic
capacitors
2
VCM
A
Internally generated Common Mode
1.65V (@VDD=3.3V) Reference Voltage
Pin for external filtering
It needs external 22
µF
and 220nF ceramic
capacitors
3
VLO
A
Internally generated IFADC Opamps
0.65V (@VDD=3.3V) Reference Voltage
Pin for external filtering
It needs external 22
µF
and 220nF ceramic
capacitors
4
INP
A
Positive IF signal input from Tuner
2.0Vpp @VDD=3.3V
5
INN
A
Negative IF signal input from Tuner
2.0Vpp @VDD=3.3V
6
VCMOP
A
Internally generated Modulator Opamps
Common Mode 2.65V (@VDD=3.3V)
Reference Voltage Pin for external
filtering
It needs external 22
µF
and 220nF ceramic
capacitors
7
GNDSD
G
IFADC Modulator Analogue Ground
Clean Ground, to be
star-connected to
voltage regulator ground
8
GNDOSC
G
Oscillator Ground
Clean Ground, to be
star-connected to
voltage regulator ground
9
XTI
I
High impedance oscillator input (quartz
connection) or clock input when in
Antenna Diversity slave mode
Maximum voltage swing
is VDD
10
XTO
O
Low impedance oscillator output (quartz
connection)
11
VDDOSC
P
Oscillator Power Supply
3.3V
12
VDDMTR
P
Tuner reference clock and AGCKeying
DAC Power Supply
1.8V
13
CKREFP
B
Tuner reference clock positive output.
FM 100kHz
AMEU 18kHz
With internal pull_up, on
at reset
Output
14
CKREFN
B
Tuner reference clock negative output.
FM 100kHz
AMEU 18kHz
With internal pull_up, on
at reset
Output
15
AGCKEY
A
DAC output for Tuner AGCKeying
1.5kohm ±30% output
impedance. 1Vpp ±1%
output dynamic range
16
GNDMTR
G
Tuner reference clock and AGC keying
DAC Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com