Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7580 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM DIGITAL IF SAMPLING PROCESSOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7580 Datasheet HTML 2Page - STMicroelectronics TDA7580 Datasheet HTML 3Page - STMicroelectronics TDA7580 Datasheet HTML 4Page - STMicroelectronics TDA7580 Datasheet HTML 5Page - STMicroelectronics TDA7580 Datasheet HTML 6Page - STMicroelectronics TDA7580 Datasheet HTML 7Page - STMicroelectronics TDA7580 Datasheet HTML 8Page - STMicroelectronics TDA7580 Datasheet HTML 9Page - STMicroelectronics TDA7580 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
TDA7580
6/31
17
PROTSEL_SS
B
DSP0 GPIO for Control Serial Interface
(Low: SPI or High: I2C) selection at
device Bootstrap.
In SPI protocol mode, after Boot
procedure, SPI Slave Select, otherwise
DSP0 GPIO0
DSP0 GPIO0
5V tolerant
With internal pull_up, on
at reset
Input
18
SDA_MOSI
B
Control Serial Interface and RDS IO:
- SPI mode: slave data in or master data
out for main SPI and RDS SPI data in
- I2C mode: data for main I2C or RDS I2C
5V tolerant
With internal pull_up, on
at reset
Input
19
MISO
B
SPI slave data out or master data in for
main SPI and RDS SPI data out
DSP0 GPIO1
5V tolerant
With internal pull_up, on
at reset
Input
20
SCL_SCK
B
Bit clock for Control Serial Interface and
RDS
5V tolerant
With internal pull_up, on
at reset
Input
21
GND
G
Digital Core Power Ground
22
VDD
P
Digital Core Power Supply
1.8V
23
IQSYNC
B
High Speed Synchronous Serial
Interface (HS3I) clock if HS3I master
mode, else DSP1 GPIO or DSP1 Debug
Port Clock (DBOUT1)
DSP1 GPIO0
5V tolerant
With internal pull_up, on
at reset
Input
24
IQCH1
B
High Speed Synchronous Serial
Interface (HS3I) Channel 1 Data if HS3I
master mode, else DSP1 GPIO or DSP1
Debug Port Request (DBRQ1)
DSP1 GPIO1
5V tolerant
With internal pull_up, on
at reset
Input
25
IQCH2
B
High Speed Synchronous Serial
Interface (HS3I) Channel 2 Data if HS3I
master mode, else DSP1 GPIO or DSP1
Debug Port Data In (DBIN1)
DSP1 GPIO2
5V tolerant
With internal pull_down,
on at reset
Input
26
IQCH3
B
High Speed Synchronous Serial
Interface (HS3I) Channel 3 Data if HS3I
master mode, else DSP1 GPIO or DSP1
Debug Port Data Out (DBCK1)
DSP1 GPIO3
5V tolerant
With internal pull_down,
on at reset
Input
27
VDDH
P
3.3V IO Ring Power Supply (HS3I, I2C/
SPI, RDS, INT)
28
GNDH
G
3.3V IO Ring Power Ground (HS3I, I2C/
SPI, RDS, INT)
29
RDS_INT
B
RDS interrupt to external main
microprocessor in case of traffic
information
DSP1 GPIO4
5V tolerant
With internal pull_up, on
at reset
Input
Name
Type
Description
Notes
After
Reset
PIN DESCRIPTION (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com