Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7580 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM DIGITAL IF SAMPLING PROCESSOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7580 Datasheet HTML 8Page - STMicroelectronics TDA7580 Datasheet HTML 9Page - STMicroelectronics TDA7580 Datasheet HTML 10Page - STMicroelectronics TDA7580 Datasheet HTML 11Page - STMicroelectronics TDA7580 Datasheet HTML 12Page - STMicroelectronics TDA7580 Datasheet HTML 13Page - STMicroelectronics TDA7580 Datasheet HTML 14Page - STMicroelectronics TDA7580 Datasheet HTML 15Page - STMicroelectronics TDA7580 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
TDA7580
12/31
Note: 74.1MHz internal DSP clock, at Tamb = 25°C. Current due to external loads not included.
OSCILLATOR CHARACTERISTICS
Notes: 1. The accuracy of this figure only depends on the quartz frequency precision: high stability oscillator
QUARTZ CHARACTERISTICS
DSP CORE
FM STEREO DECODER CHARACTERISTICS
IOSCac
Current through VOSC Power
Supply
VDD=1.8V,VDD3=3.3V
with quartz in FM mode
11
14
17
mA
IMTR
Current through VMTR Power
Supply
VDD=1.8V,VDD3=3.3V
5
mA
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
FOSCFM
Oscillator Frequency (XTI/XTO)
VOSC @ 3.3V
74.1
MHz
FOSCAM
Oscillator Frequency (XTI/XTO)
VOSC @ 3.3V
74.106
MHz
Parameter Name
Parameter Value
Temperature range
-55°C ÷ +125°C
Adjustment tolerance (@ 25°C ± 3°C)
+/-20ppm
Frequency stability (-20°C ÷ +70°C)
+/-50ppm
Aging @ 25°C
5ppm/year
Shunt (static) capacitance (Co)
<6pF
Packages (holders)
UM-1; HC-52U; HC-35; HC-48U; HC-49U; HC-50U; HC-51U
Mode of oscillation
AT-3rd
Resonance resistance (ESR)
<35ohm
Oscillation Frequency (without external load)
≥74108000 Hz
Oscillation Frequency (12pF parallel load)
target 74.1MHz
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
FdspMax
Maximum DSP clock frequency
At 1.7V Core Power Supply and
125°C junction temperature
81.5
MHz
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
a_ch
Channel Separation
50
dB
THD
Total Harmonic Distortion
0.02
%
(S+N)/N
Signal plus Noise to Noise ratio
80
dB
CURRENT CONSUMPTION (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com