Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7580 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM DIGITAL IF SAMPLING PROCESSOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7580 Datasheet HTML 1Page - STMicroelectronics TDA7580 Datasheet HTML 2Page - STMicroelectronics TDA7580 Datasheet HTML 3Page - STMicroelectronics TDA7580 Datasheet HTML 4Page - STMicroelectronics TDA7580 Datasheet HTML 5Page - STMicroelectronics TDA7580 Datasheet HTML 6Page - STMicroelectronics TDA7580 Datasheet HTML 7Page - STMicroelectronics TDA7580 Datasheet HTML 8Page - STMicroelectronics TDA7580 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1/31
TDA7580
July 2002
This is preliminary information on a new product now in development. Details are subject to change without notice.
s
FM/AM IF SAMPLING DSP
s
ON-CHIP ANALOGUE TO DIGITAL
CONVERTER FOR 10.7MHz IF SIGNAL
CONVERSION
s
SOFTWARE BASED CHANNEL EQUALIZATION
s
FM ADJACENT CHANNEL SUPPRESSION
s
RECEPTION ENHANCEMENT IN MULTIPATH
CONDITION
s
STEREO DECODER AND WEAK SIGNAL
PROCESSING
s
2 CHANNELS SERIAL AUDIO INTERFACE
(SAI) WITH SAMPLE RATE CONVERTER
s
I2C AND BUFFER-SPI CONTROL INTERFACES
s
RDS FILTER, DEMODULATOR & DECODER
s
INTER PROCESSOR TRANSPORT
INTERFACE FOR ANTENNA AND TUNER
DIVERSITY
s
FRONT-END AGC FEEDBACK
DESCRIPTION
The TDA7580 is an integrated circuit implementing
an advanced mixed analogue and digital solution to
perform the signal processing of a AM/FM channel.
The HW&SW architecture has been devised so to
have a digital equalization of the FM/AM channel;
hence a real rejection of adjacent channels and any
other signals interfering with the listening of the de-
sired station. In severe Multiple Paths conditions, the
reception is improved to get the audio with high qual-
ity.
TQFP64
ORDERING NUMBER: TDA7580
PRODUCT PREVIEW
FM/AM DIGITAL IF SAMPLING PROCESSOR
BLOCK DIAGRAM
A/D
SAI1
SAI0
SRC
I2C/SPI
DAC
CGU
Oscillator
I2C/SPI
HS3I
RDS
IF Digital
Signal Processor


Similar Part No. - TDA7580

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7580 STMICROELECTRONICS-TDA7580 Datasheet
578Kb / 39P
FM/AM digital IF sampling processor
Mar-2007
TDA758013TR STMICROELECTRONICS-TDA758013TR Datasheet
578Kb / 39P
FM/AM digital IF sampling processor
Mar-2007
TDA7580 STMICROELECTRONICS-TDA7580_07 Datasheet
578Kb / 39P
FM/AM digital IF sampling processor
Mar-2007
More results

Similar Description - TDA7580

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7500 STMICROELECTRONICS-TDA7500 Datasheet
153Kb / 14P
DIGITAL AM/FM SIGNAL PROCESSOR
Sep-1999
logo
Toshiba Semiconductor
TA8186P TOSHIBA-TA8186P Datasheet
274Kb / 8P
AM/FM IFMPX
logo
Unisonic Technologies
UTCTA7640AP UTC-UTCTA7640AP Datasheet
43Kb / 3P
AM/FM IF PROCESSOR
logo
TOKO, Inc
TK10930 TOKO-TK10930 Datasheet
937Kb / 4P
AM/FM IF DETECTOR
logo
Panasonic Semiconductor
AN7222N PANASONIC-AN7222N Datasheet
307Kb / 5P
AM Tuner, FM-AM IF Amplifier
logo
Texas Instruments
SN761631 TI-SN761631 Datasheet
630Kb / 26P
RF FRONT END FOR AM/FM IF SAMPLING RADIO
logo
STMicroelectronics
STA3005 STMICROELECTRONICS-STA3005 Datasheet
152Kb / 5P
Dual-IF AM/FM digital radio receiver
28-Jun-2006
TDA7500A STMICROELECTRONICS-TDA7500A Datasheet
367Kb / 40P
DIGITAL AM/FM SIGNAL PROCESSOR
Dec-2001
TDA7580 STMICROELECTRONICS-TDA7580_07 Datasheet
578Kb / 39P
FM/AM digital IF sampling processor
Mar-2007
logo
Sanyo Semicon Device
LA1201 SANYO-LA1201 Datasheet
402Kb / 10P
FM/AM IF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com