Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7580 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM DIGITAL IF SAMPLING PROCESSOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7580 Datasheet HTML 7Page - STMicroelectronics TDA7580 Datasheet HTML 8Page - STMicroelectronics TDA7580 Datasheet HTML 9Page - STMicroelectronics TDA7580 Datasheet HTML 10Page - STMicroelectronics TDA7580 Datasheet HTML 11Page - STMicroelectronics TDA7580 Datasheet HTML 12Page - STMicroelectronics TDA7580 Datasheet HTML 13Page - STMicroelectronics TDA7580 Datasheet HTML 14Page - STMicroelectronics TDA7580 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
11/31
TDA7580
Note: 1. The leakage currents are generally very small, <1nA. The value given here, 1
µA, is the maximum that can occur after an Electro-
static Stress on the pin.
2. On pins:17 to 20,23 to 26,29 to 33,36 to 39,42 to 46,49 to 52,55 to 58.
3. On pins: 13 and 14.
4. Same check on the analogue pin 15 (phisically without pull-up-down)
5. On pins:25, 26,32,49,50,55,56
6. On pins:17 to 20,23 to 24,29 to 31,33,36 to 39,42 to 46,51, 52,57, 58
LOW VOLTAGE CMOS INTERFACE DC ELECTRICAL CHARACTERISTICS
Note: 1. It is the source/sink current under worst case conditions and reflects the name of the I/O cell according to the drive capability.
HIGH VOLTAGE CMOS INTERFACE DC ELECTRICAL CHARACTERISTICS
Note: 1. It is the source/sink current under worst case conditions and reflects the name of the I/O cell according to the drive capability
2. X=4mA for pins 17 to 20,29,30,32,36 to 39,42 to 46; X=8mA for pins 23 to 26,49 to 52,55 to 58.
IozFT
5V Tolerant Tri-state Output
leakage (without pull up/down
device)
Vo = 0V or Vdd (note 1)
1
µA
Vo = 5.5V
1
3
µA
Ilatchup
I/O latch-up current
V < 0V, V > Vdd
200
mA
Vesd
Electrostatic Protection
Leakage, 1
µA
2000
V
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vil
Low Level Input Voltage
1.70V
<=VDD<=1.90V
0.3*VDD3
V
Vih
High Level Input Voltage
1.70V
<=VDD<=1.90V
0.8*VDD3
V
Vol
Low level output Voltage
Iol = 4mA (notes 1)
0.15
V
Voh
High level output Voltage
Iol = -4mA (notes 1)
VDD-0,15
V
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vil
Low Level Input Voltage
3.15V
<=VDD3<=3.45V
0.8
V
Vih
High Level Input Voltage
3.15V
<=VDD3<=3.45V
2.0
V
Vol
Low level output Voltage
Iol = XmA (notes 1 and 2)
0.15
V
Voh
High level output Voltage
Iol = -XmA (notes 1 and 2)
VDD3-0.15
V
CURRENT CONSUMPTION
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
IDD
Current through VDD Power
Supply
VDD=1.8V,VDD3=3.3V
All digital blocks working
120
200
mA
IDDH
Current through VDDH Power
Supply
VDD=1.8V,VDD3=3.3V
All I/Os working with 5pF load
35
mA
ISD
Current through VSD Power
Supply
VDD=1.8V,VDD3=3.3V
36
45
54
mA
IOSCdc
Current through VOSC Power
Supply
VDD=1.8V,VDD3=3.3V
without quartz
5.5
8
10.5
mA
GENERAL INTERFACE ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com