Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7580 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM DIGITAL IF SAMPLING PROCESSOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7580 Datasheet HTML 12Page - STMicroelectronics TDA7580 Datasheet HTML 13Page - STMicroelectronics TDA7580 Datasheet HTML 14Page - STMicroelectronics TDA7580 Datasheet HTML 15Page - STMicroelectronics TDA7580 Datasheet HTML 16Page - STMicroelectronics TDA7580 Datasheet HTML 17Page - STMicroelectronics TDA7580 Datasheet HTML 18Page - STMicroelectronics TDA7580 Datasheet HTML 19Page - STMicroelectronics TDA7580 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
TDA7580
16/31
SAI INTERFACE
Figure 3. SAI Timings
Note TDSP = DSP master clock cycle time = 1/FDSP
Figure 4. SAI protocol when RLRS=0; RREL=0; RCKP=1; RDIR=0
Timing
Description
Value
Unit
TDSP
Internal DSP Clock Period (Typical 1/74.1MHz)
13.495
ns
tsckr
Minimum Clock Cycle
32*TDSP
ns
tdt
SCKR active edge to data out valid
40
ns
tlrs
LRCK setup time
16
ns
tlrh
LRCK hold time
9
ns
tsdid
SDI setup time
16
ns
tsdih
SDI hold time
9
ns
tsckph
Minimum SCK high time
0.5*tsckr
ns
tsckpl
Minimum SCK low time
0.5*tsckr
ns
tsckr
tsckpl
tdt
tsdis
tlrs
tsckph
tlrh
tsdih
Valid
LRCKR
SDI0-1
SCKR
Valid
(RCKP=0)
RIGHT
LEFT
SCKR
SDI0-1
LRCKR
LSB(n-1)
MSB(n)
MSB-1(n)
MSB-2(n)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com