Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7580 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7580
Description  FM/AM DIGITAL IF SAMPLING PROCESSOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7580 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7580 Datasheet HTML 4Page - STMicroelectronics TDA7580 Datasheet HTML 5Page - STMicroelectronics TDA7580 Datasheet HTML 6Page - STMicroelectronics TDA7580 Datasheet HTML 7Page - STMicroelectronics TDA7580 Datasheet HTML 8Page - STMicroelectronics TDA7580 Datasheet HTML 9Page - STMicroelectronics TDA7580 Datasheet HTML 10Page - STMicroelectronics TDA7580 Datasheet HTML 11Page - STMicroelectronics TDA7580 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
TDA7580
8/31
45
TST2_SCKR
B
SAI0 Transmit bit clock; SAI1 Receive
and Transmit bit clock. Or Test selection
pin in Test Mode
5V tolerant
DSP0 GPIO6
With internal pull_up, on
at reset
Input
46
TST3_LRCKR
B
SAI0 Transmit LeftRight clock; SAI1
Receive and Transmit bit clock. Or Test
selection pin in Test Mode
DSP0 GPIO7
5V tolerant
With internal pull_up, on
at reset
Input
47
VDD
P
Digital Core Power Supply
1.8V
48
GND
G
Digital Core Power Ground
49
DBCK0
B
Debug Port Clock of DSP0 (DBCK0)
DSP0 GPIO9
5V tolerant
With internal pull_down,
on at reset
Input
50
DBIN0
B
Debug Port Data Input of DSP0 (DBIN0)
DSP0 GPIO11
5V tolerant
With internal pull_down,
on at reset
Input
51
DBRQ0
B
Debug Port Request of DSP0 (DBRQ0)
DSP0 GPIO
5V tolerant
With internal pull_up, on
at reset
Input
52
DBOUT0
B
Debug Port Data Output of DSP0
(DBOUT0)
DSP0 GPIO10
5V tolerant
With internal pull_up, on
at reset
Input
53
GNDH
G
3.3V IO Ring Power Ground (Debug
Interface, GPIO)
54
VDDH
P
3.3V IO Ring Power Supply (Debug
Interface, GPIO)
55
DBCK1
B
DSP1 Debug Port Clock (DBCK1) if HS3I
master mode, else High Speed
Synchronous Serial Interface (HS3I)
Channel3 Data
DSP1 GPIO9
5V tolerant
With internal pull_down,
on at reset
Input
56
DBIN1
B
DSP1 GPIO or DSP1 Debug Port Data
In (DBIN1) if HS3I master mode, else
High Speed Synchronous Serial
Interface (HS3I) Channel2 Data i
DSP1 GPIO11
5V tolerant
With internal pull_down,
on at reset
Input
57
DBRQ1
B
DSP1 GPIO or DSP1 Debug Port
Request (DBRQ1) if HS3I master mode,
else High Speed Synchronous Serial
Interface (HS3I) Channel1 Data
5V tolerant
With internal pull_up, on
at reset
Input
Name
Type
Description
Notes
After
Reset
PIN DESCRIPTION (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com