Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9716-EBZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9716-EBZ
Description  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9716-EBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9716-EBZ Datasheet HTML 3Page - Analog Devices AD9716-EBZ Datasheet HTML 4Page - Analog Devices AD9716-EBZ Datasheet HTML 5Page - Analog Devices AD9716-EBZ Datasheet HTML 6Page - Analog Devices AD9716-EBZ Datasheet HTML 7Page - Analog Devices AD9716-EBZ Datasheet HTML 8Page - Analog Devices AD9716-EBZ Datasheet HTML 9Page - Analog Devices AD9716-EBZ Datasheet HTML 10Page - Analog Devices AD9716-EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
AD9714/AD9715/AD9716/AD9717
Rev. 0 | Page 7 of 48
AC SPECIFICATIONS
TMIN to TMAX, AVDD = 3.3 V, DVDD = 3.3 V, DVDDIO = 1.8 V, CVDD = 3.3 V, IOUTFS = 2 mA, maximum sample rate, unless
otherwise noted.
Table 3.
Parameter
AD9714
AD9715
AD9716
AD9717
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
SPURIOUS FREE DYNAMIC RANGE (SFDR)
fDAC = 125 MSPS, fOUT = 10 MHz
75
82
83
84
dBc
fDAC = 125 MSPS, fOUT = 50 MHz
60
61
62
63
dBc
TWO-TONE INTERMODULATION
DISTORTION (IMD)
fDAC = 125 MSPS, fOUT = 10 MHz
86
87
88
89
dBc
fDAC = 125 MSPS, fOUT = 50 MHz
71
71
71
71
dBc
NOISE SPECTRAL DENSITY (NSD) EIGHT-
TONE, 500 kHz TONE SPACING
fDAC = 125 MSPS, fOUT = 10 MHz
−129
−141
−149
−152
dBc/Hz
fDAC = 125 MSPS, fOUT = 50 MHz
−123
−135
−137
−141
dBc/Hz
W-CDMA ADJACENT CHANNEL LEAKAGE
RATIO (ACLR), SINGLE CARRIER
fDAC = 61.44 MSPS, fOUT = 20 MHz
−71
−71
−71
−71
dBc
fDAC = 122.88 MSPS, fOUT = 30 MHz
−72
−72
−72
−72
dBc
TMIN to TMAX, AVDD = 1.8 V, DVDD = 3.3 V, DVDDIO = 1.8 V, CVDD = 3.3 V, IOUTFS = 2 mA, maximum sample rate, unless
otherwise noted.
Table 4.
Parameter
AD9714
AD9715
AD9716
AD9717
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
SPURIOUS FREE DYNAMIC RANGE (SFDR)
fDAC = 125 MSPS, fOUT = 10 MHz
75
78
79
80
dBc
fDAC = 125 MSPS, fOUT = 50 MHz
55
56
57
58
dBc
TWO-TONE INTERMODULATION
DISTORTION (IMD)
fDAC = 125 MSPS, fOUT = 10 MHz
79
80
84
85
dBc
fDAC = 125 MSPS, fOUT = 50 MHz
53
53
53
53
dBc
NOISE SPECTRAL DENSITY (NSD) EIGHT-
TONE, 500 kHz TONE SPACING
fDAC = 125 MSPS, fOUT = 10 MHz
−132
−141
−146
−148
dBc/Hz
fDAC = 125 MSPS, fOUT = 50 MHz
−126
−131
−131
−132
dBc/Hz
W-CDMA ADJACENT CHANNEL LEAKAGE
RATIO (ACLR), SINGLE CARRIER
fDAC = 61.44 MSPS, fOUT = 20 MHz
−68
−68
−68
−68
dBc
fDAC = 122.88 MSPS, fOUT = 30 MHz
−68
−68
−68
−68
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com