Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9716-EBZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD9716-EBZ
Description  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9716-EBZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9716-EBZ Datasheet HTML 25Page - Analog Devices AD9716-EBZ Datasheet HTML 26Page - Analog Devices AD9716-EBZ Datasheet HTML 27Page - Analog Devices AD9716-EBZ Datasheet HTML 28Page - Analog Devices AD9716-EBZ Datasheet HTML 29Page - Analog Devices AD9716-EBZ Datasheet HTML 30Page - Analog Devices AD9716-EBZ Datasheet HTML 31Page - Analog Devices AD9716-EBZ Datasheet HTML 32Page - Analog Devices AD9716-EBZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
AD9714/AD9715/AD9716/AD9717
Rev. 0 | Page 29 of 48
TERMINOLOGY
Linearity Error or Integral Nonlinearity (INL)
Linearity error is defined as the maximum deviation of the
actual analog output from the ideal output, determined by
a straight line drawn from zero scale to full scale.
Differential Nonlinearity (DNL)
DNL is the measure of the variation in analog value, normalized
to full scale, associated with a 1 LSB change in digital input code.
Monotonicity
A DAC is monotonic if the output either increases or remains
constant as the digital input increases.
Offset Error
Offset error is the deviation of the output current from the
ideal of zero. For IOUTP, 0 mA output is expected when the
inputs are all 0. For IOUTN, 0 mA output is expected when all
inputs are set to 1.
Gain Error
Gain error is the difference between the actual and ideal output
span. The actual span is determined by the difference between
the output when all inputs are set to 1 and the output when all
inputs are set to 0.
Output Compliance Range
Output compliant range is the range of allowable voltage at
the output of a current-output DAC. Operation beyond the
maximum compliance limits can cause either output stage
saturation or breakdown, resulting in nonlinear performance.
Temperature Drift
Temperature drift is specified as the maximum change from
the ambient value (25°C) to the value at either TMIN or TMAX.
For offset and gain drift, the drift is reported in ppm of full-
scale range per degree Celsius (ppm FSR/°C). For reference
drift, the drift is reported in parts per million per degree
Celsius (ppm/°C).
Power Supply Rejection
Power supply rejection is the maximum change in the full-scale
output as the supplies are varied from minimum to maximum
specified voltages.
Settling Time
Settling time is the time required for the output to reach and
remain within a specified error band around its final value,
measured from the start of the output transition.
Spurious Free Dynamic Range (SFDR)
SFDR is the difference, in decibels, between the peak amplitude
of the output signal and the peak spurious signal between dc
and the frequency equal to half the input data rate.
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of the first six harmonic
components to the rms value of the measured fundamental.
It is expressed as a percentage or in decibels.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the rms value of the measured output signal
to the rms sum of all other spectral components below the
Nyquist frequency, excluding the first six harmonics and dc.
The value for SNR is expressed in decibels.
Adjacent Channel Leakage Ratio (ACLR)
ACLR is the ratio in dBc between the measured power within
a channel relative to its adjacent channel.
Complex Image Rejection
In a traditional two-part upconversion, two images are created
around the second IF frequency. These images have the effect of
wasting transmitter power and system bandwidth. By placing
the real part of a second complex modulator in series with the
first complex modulator, either the upper or lower frequency
image near the second IF can be rejected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com