Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9716-EBZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9716-EBZ
Description  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9716-EBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9716-EBZ Datasheet HTML 7Page - Analog Devices AD9716-EBZ Datasheet HTML 8Page - Analog Devices AD9716-EBZ Datasheet HTML 9Page - Analog Devices AD9716-EBZ Datasheet HTML 10Page - Analog Devices AD9716-EBZ Datasheet HTML 11Page - Analog Devices AD9716-EBZ Datasheet HTML 12Page - Analog Devices AD9716-EBZ Datasheet HTML 13Page - Analog Devices AD9716-EBZ Datasheet HTML 14Page - Analog Devices AD9716-EBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
AD9714/AD9715/AD9716/AD9717
Rev. 0 | Page 11 of 48
PIN 1
INDICATOR
1
DB9
2
DB8
3
DB7
4
DB6
5
DVDDIO
6
DVSS
7
DVDD
8
DB5
9
DB4
10
DB3
23 QOUTP
24 RLQP
25 AVSS
26 AVDD
27 RL2P
28 IOUTP
29 IOUTN
30 RLIN
22 QOUTN
21 RLQN
TOP VIEW
(Not to Scale)
AD9716
NOTES
1. NC = NO CONNECT
2. THE HEAT SINK PAD IS CONNECTED TO AVSS AND
SHOULD BE SOLDERED TO THE GROUND PLANE.
EXPOSED METAL AT PACKAGE CORNERS IS
CONNECTED TO THIS PAD.
Figure 3. AD9716 Pin Configuration
Table 8. AD9716 Pin Function Descriptions
Pin No.
Mnemonic
Description
1 to 4
DB[9:6]
Digital Inputs.
5
DVDDIO
Digital I/O Supply Voltage (1.8 V to 3.3 V Nominal).
6
DVSS
Digital Common.
7
DVDD
Digital Core Supply Voltage (1.8 V). Provides a 1.8 V output when in internal LDO regulator is enabled.
8 to 12
DB[5:1]
Digital Inputs.
13
DB0 (LSB)
Digital Input (LSB).
14,15
NC
No Connect. These pins are not connected to the chip.
16
DCLKIO
Data Input Clock. Used to clock data in from digital source.
17
CVDD
Sampling Clock Supply Voltage (1.8 V to 3.3 V). CVDD must be ≥ DVDD.
18
CLKIN
Sampling Clock Input.
19
CVSS
Sampling Clock Supply Voltage Common.
20
CMLQ
Q DAC Output Common-Mode Level.
21
RLQN
Load Resistor (500 Ω) to the CMLQ Pin.
22
QOUTN
Complementary Q DAC Current Output. Full-scale current is sourced when all data bits are 0s.
23
QOUTP
Q DAC Current Output. Full-scale current is sourced when all data bits are 1s.
24
RLQP
Load Resistor (500 Ω) to the CMLQ Pin.
25
AVSS
Analog Common.
26
AVDD
Analog Supply Voltage (1.8 V to 3.3 V).
27
RL2P
Load Resistor (500 Ω) to the CMLI Pin.
28
IOUTP
Complementary I DAC Current Output. Full-scale current is sourced when all data bits are 0s.
29
IOUTN
I DAC Current Output. Full-scale current is sourced when all data bits are 1s.
30
RLIN
Load Resistor (500 Ω) to the CMLI Pin.
31
CMLI
I DAC Output Common-Mode Level.
32
FSADJQ/AUXQ
Full-Scale Current Output Adjust for Q DAC. Connect to AVSS through a resistor.
Auxiliary Q DAC. The pin becomes the output of an optional, serial port driven, auxiliary DAC when the internal
on-chip, RSET, is enabled.
33
FSADJI/AUXI
Full-Scale Current Output Adjust for I DAC. Connect to AVSS through a resistor.
Auxiliary I DAC. The pin becomes the output of an optional, serial port driven, auxiliary DAC when the internal
on-chip, RSET, is enabled.
34
REFIO
Reference Input/Output. Serves as a reference input when the internal reference is disabled. Provides a 1.0 V
reference output when in internal reference mode (a 0.1 μF capacitor to AVSS is required).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com