Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9716-EBZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD9716-EBZ
Description  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9716-EBZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9716-EBZ Datasheet HTML 13Page - Analog Devices AD9716-EBZ Datasheet HTML 14Page - Analog Devices AD9716-EBZ Datasheet HTML 15Page - Analog Devices AD9716-EBZ Datasheet HTML 16Page - Analog Devices AD9716-EBZ Datasheet HTML 17Page - Analog Devices AD9716-EBZ Datasheet HTML 18Page - Analog Devices AD9716-EBZ Datasheet HTML 19Page - Analog Devices AD9716-EBZ Datasheet HTML 20Page - Analog Devices AD9716-EBZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
AD9714/AD9715/AD9716/AD9717
Rev. 0 | Page 17 of 48
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD, DVDD, DVDDIO, CVDD = 1.8 V, IOUTFS = 2 mA, maximum sample rate, unless otherwise noted.
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
0
2048
4096
6144
8192
10240 12288 14336 16384
CODE
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
0
2048
4096
6144
8192
10240 12288 14336 16384
CODE
Figure 6. AD9717 Precalibration INL at 1.8 V
Figure 9. AD9717 Postcalibration INL at 1.8 V
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
0
2048
4096
6144
8192
10240 12288 14336 16384
CODE
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
0
2048
4096
6144
8192
10240 12288 14336 16384
CODE
Figure 7. AD9717 Precalibration DNL at 1.8 V
Figure 10. AD9717 Postcalibration DNL at 1.8 V
1.75
1.25
0.75
0.25
–0.75
–0.25
–1.25
–1.75
0
2048
4096
6144
8192
10240 12288 14336 16384
CODE
1.75
1.25
0.75
0.25
–0.75
–0.25
–1.25
–1.75
0
2048
4096
6144
8192
10240 12288 14336 16384
CODE
Figure 8. AD9717 Precalibration INL at 3.3 V
Figure 11. AD9717 Postcalibration INL at 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com