Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9716-EBZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9716-EBZ
Description  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9716-EBZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9716-EBZ Datasheet HTML 6Page - Analog Devices AD9716-EBZ Datasheet HTML 7Page - Analog Devices AD9716-EBZ Datasheet HTML 8Page - Analog Devices AD9716-EBZ Datasheet HTML 9Page - Analog Devices AD9716-EBZ Datasheet HTML 10Page - Analog Devices AD9716-EBZ Datasheet HTML 11Page - Analog Devices AD9716-EBZ Datasheet HTML 12Page - Analog Devices AD9716-EBZ Datasheet HTML 13Page - Analog Devices AD9716-EBZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
AD9714/AD9715/AD9716/AD9717
Rev. 0 | Page 10 of 48
Pin No.
Mnemonic
Description
35
RESET/PINMD
Reset. In SPI mode, pulse RESET high to reset SPI registers to default values.
Pin Mode. A constant Logic 1 puts the device into pin mode.
36
SCLK/CLKMD
Serial Clock. Clock input for serial port in spi mode
Clock Mode. In pin mode, CLKMD determines phase of internal retiming clock.
DCLKIO = CLKIN: Tie to 0.
DCLKIO ≠ CLKIN: Pulse 0 to 1 to edge trigger the internal retimer (see the Retimer section).
37
SDIO/FORMAT
Serial Port Input/Output. Bidirectional data line for serial port in spi mode.
Data Format. In pin mode, FORMAT determines data format of digital data.
38
CS/PWRDN
Chip Select. Active low chip select in spi mode.
Power Down. In pin mode, PWRDN powers down the device except for the SPI port.
39
DB13 (MSB)
Digital Input (MSB).
40
DB12
Digital Input.
Heat Sink Pad
The heat sink pad is connected to AVSS and should be soldered to the ground plane. Exposed metal at package
corners is connected to this pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com