Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9716-EBZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD9716-EBZ
Description  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9716-EBZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9716-EBZ Datasheet HTML 26Page - Analog Devices AD9716-EBZ Datasheet HTML 27Page - Analog Devices AD9716-EBZ Datasheet HTML 28Page - Analog Devices AD9716-EBZ Datasheet HTML 29Page - Analog Devices AD9716-EBZ Datasheet HTML 30Page - Analog Devices AD9716-EBZ Datasheet HTML 31Page - Analog Devices AD9716-EBZ Datasheet HTML 32Page - Analog Devices AD9716-EBZ Datasheet HTML 33Page - Analog Devices AD9716-EBZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
AD9714/AD9715/AD9716/AD9717
Rev. 0 | Page 30 of 48
THEORY OF OPERATION
I DAC
Q DAC
AUX1DAC
AUX2DAC
BAND
GAP
CLOCK
DIST
10kΩ
RSET
16kΩ
RSET
16kΩ
IREF
100µA
RCM
1kΩ TO
250Ω
RCM
1kΩ TO
250Ω
500Ω
500Ω
500Ω
500Ω
SPI
INTERFACE
1 INTO 2
INTERLEAVED
DATA
INTERFACE
I DATA
Q DATA
1.8V
LDO
1V
AD9714/AD9715/
AD9716/AD9717
RLIN
IOUTN
IOUTP
RLIP
AVDD
AVSS
RLQP
QOUTP
QOUTN
RLQN
DB11
DB10
DB9
DB8
DVDDIO
DVSS
DVDD
DB7
DB6
DB5
Figure 76. Simplified Block Diagram
Figure 76 shows a simplified block diagram of the AD9714/
AD9715/AD9716/AD9717 that consists of two DACs, digital
control logic, and a full-scale output current control. The DAC
contains a PMOS current source array capable of providing a
nominal full-scale current (IOUTFS) of 2 mA and a maximum
of 4 mA. The array is divided into 31 equal currents that make
up the five most significant bits (MSBs). The next four bits, or
middle bits, consist of 15 equal current sources whose value is
1/16 of an MSB current source. The remaining LSBs are binary
weighted fractions of the current sources of the middle bits.
Implementing the middle and lower bits with current sources,
instead of an R-2R ladder, enhances its dynamic performance
for multitone or low amplitude signals and helps maintain
the high output impedance of the DAC (that is, >200 MΩ).
All of these current sources are switched to one or the other
of the two output nodes (IOUTP or IOUTN) via PMOS differential
current switches. The switches are based on the architecture
that was pioneered in the AD976x family, with further refine-
ments to reduce distortion contributed by the switching transient.
This switch architecture also reduces various timing errors and
provides matching complementary drive signals to the inputs of
the differential current switches.
The analog and digital I/O sections of the AD9714/AD9715/
AD9716/AD9717 have separate power supply inputs (AVDD and
DVDDIO) that can operate independently over a 1.7 V to 3.5 V
range. The core digital section, which is powered optionally by
either the on-chip LDO or through DVDD (Pin 7), is capable of
operating at a rate of up to 125 MSPS. It consists of edge-triggered
latches and segment decoding logic circuitry. The analog section
includes the PMOS current sources, the associated differential
switches, a 1.0 V band gap voltage reference, and a reference
control amplifier.
Each DAC full-scale output current is regulated by the reference
control amplifier and can be set from 1 mA to 4 mA via an external
resistor, RSET, connected to its full-scale adjust pin (FSADJ).
The external resistor, in combination with both the reference
control amplifier and voltage reference, VREFIO, sets the reference
current, IREF, which is replicated to the segmented current sources
with the proper scaling factor. The full-scale current, IOUTFS, is
32 × IREF.
Optional on-chip RSET resistors are provided that can be pro-
grammed between a nominal value of 8 kΩ to 32 kΩ (4 mA to
1 mA IOUTFS ).
The AD9714/AD9715/AD9716/AD9717 provide the option of
setting the output common mode to a value other than ACOM
via the output common-mode pins (CMLI and CMLQ). This
facilitates directly interfacing the output of the AD9714/AD9715/
AD9716/AD9717 to components that require common-mode
levels greater than 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com