Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9716-EBZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9716-EBZ
Description  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9716-EBZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9716-EBZ Datasheet HTML 24Page - Analog Devices AD9716-EBZ Datasheet HTML 25Page - Analog Devices AD9716-EBZ Datasheet HTML 26Page - Analog Devices AD9716-EBZ Datasheet HTML 27Page - Analog Devices AD9716-EBZ Datasheet HTML 28Page - Analog Devices AD9716-EBZ Datasheet HTML 29Page - Analog Devices AD9716-EBZ Datasheet HTML 30Page - Analog Devices AD9716-EBZ Datasheet HTML 31Page - Analog Devices AD9716-EBZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
AD9714/AD9715/AD9716/AD9717
Rev. 0 | Page 28 of 48
90
85
80
75
70
65
60
55
50
0
10
203040
50
6
fOUT (MHz)
108
102
96
90
84
78
72
66
60
54
0
5
10
15
20
25
30
35
40
45
50
55
60
fOUT (MHz)
+85°C
+25°C
–40°C
0
1mA
2mA
4mA
Figure 72. SFDR Over Temperature at 3.3 V
Figure 74. SFDR vs. fOUT
90
85
80
75
70
65
60
5
101520
25
30
35
4045
50
fOUT (MHz)
1mA
4mA
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
0
128
256
384
512
640
768
896
1024
CODE
DNL
INL
Figure 73. IMD vs. fOUT, FCLK = 125 MHz
Figure 75. AUXDAC DNL and INL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com