Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9716-EBZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD9716-EBZ
Description  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9716-EBZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9716-EBZ Datasheet HTML 19Page - Analog Devices AD9716-EBZ Datasheet HTML 20Page - Analog Devices AD9716-EBZ Datasheet HTML 21Page - Analog Devices AD9716-EBZ Datasheet HTML 22Page - Analog Devices AD9716-EBZ Datasheet HTML 23Page - Analog Devices AD9716-EBZ Datasheet HTML 24Page - Analog Devices AD9716-EBZ Datasheet HTML 25Page - Analog Devices AD9716-EBZ Datasheet HTML 26Page - Analog Devices AD9716-EBZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
AD9714/AD9715/AD9716/AD9717
Rev. 0 | Page 23 of 48
100
94
88
82
76
70
5
1015
20
25
3035
40
45
50
fOUT (MHz)
AD9717
AD9715
AD9714
AD9716
Figure 42. AD9714/AD9715/AD9716/AD9717 IMD at 3.3 V
88
82
76
70
64
58
52
5
10
1520
25
30
3540
4550
fOUT (MHz)
AD9714
AD9715
AD9716
AD9717
Figure 43. AD9714/AD9715/AD9716/AD9717 IMD at 1.8 V
25
20
15
10
5
0
0
20
40
60
80
100
120
140
fOUT (MHz)
CVDD
TOTAL CURRENT @ 1mA OUT
TOTAL CURRENT @ 2mA OUT
DVDD
AVDD @ 1mA OUT
AVDD @ 2mA OUT
Figure 44. Supply Current vs. Frequency at 1.8 V
–61
–64
–67
–70
–73
15
20
25
30
35
40
45
fOUT (MHz)
1mA
2mA
Figure 45. 1 Carrier ACLR First Adjacent Channel at 1.8 V
–60
–63
–66
–69
–72
–75
–78
15
20
25
30
35
40
45
fOUT (MHz)
1mA
2mA
4mA
Figure 46. 1 Carrier ACLR First Adjacent Channel at 3.3 V
CVDD
DVDD
30
20
10
0
0
20
40
60
80
100
120
140
fOUT (MHz)
TOTAL CURRENT @ 4mA OUT
TOTAL CURRENT @ 2mA OUT
AVDD @ 1mA OUT
AVDD @ 4mA OUT
AVDD @ 2mA OUT
TOTAL CURRENT @ 1mA OUT
Figure 47. Supply Current vs. Frequency at 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com