Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2002IPWR Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2002IPWR
Description  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2002IPWR Datasheet(HTML) 39 Page - Texas Instruments

Back Button MSP430F2002IPWR Datasheet HTML 35Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 36Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 37Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 38Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 39Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 40Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 41Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 42Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
39
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MSP430x20x2 electrical characteristics over recommended ranges of supply voltage and
operating free-air temperature (unless otherwise noted) (continued)
10-bit ADC, power supply and input range conditions (see Note 1, MSP430x20x2 only)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
VCC
Analog supply voltage
range
VSS =0 V
2.2
3.6
V
VAx
Analog input voltage range
(see Note 2)
All Ax terminals.
Analog inputs selected in
ADC10AE register.
0
VCC
V
I
ADC10 supply current
fADC10CLK =5.0 MHz
ADC10ON = 1, REFON = 0
ADC10SHT0 1
I: -40--85°C
2.2 V
0.52
1.05
mA
IADC10
ADC10 supply current
(see Note 3)
ADC10SHT0 = 1,
ADC10SHT1 = 0, ADC10DIV
=0
I: 40 85 C
T: -40--105°C
3V
0.6
1.2
mA
I
Reference supply current,
reference buffer disabled
fADC10CLK =5.0 MHz
ADC10ON = 0, REF2_5V = 0,
REFON = 1, REFOUT = 0
I: -40--85°C
T: -40--105°C
2.2 V/3 V
0 25
0 4
mA
IREF+
reference buffer disabled
(see Note 4)
fADC10CLK =5.0 MHz
ADC10ON = 0, REF2_5V = 1,
REFON = 1, REFOUT = 0
I: -40--85°C
T: -40--105°C
3V
0.25
0.4
mA
I
Reference buffer supply
current with ADC10SR 0
fADC10CLK =5.0 MHz
ADC10ON = 0,
REFON 1 REF2 5V 0
-40--85°C
2.2 V/3 V
1.1
1.4
mA
IREFB,0
current with ADC10SR=0
(see Note 4)
REFON = 1, REF2_5V =0,
REFOUT = 1,
ADC10SR=0
105°C
2.2 V/3 V
1.8
mA
I
Reference buffer supply
current with ADC10SR 1
fADC10CLK =5.0 MHz
ADC10ON = 0,
REFON = 1,
-40--85°C
2.2 V/3 V
0.5
0.7
mA
IREFB,1
current with ADC10SR=1
(see Note 4)
REFON = 1,
REF2_5V = 0,
REFOUT = 1,
ADC10SR=1
105°C
2.2 V/3 V
0.8
mA
CI
Input capacitance
Only one terminal Ax selected
at a time
I: -40--85°C
T: -40--105°C
27
pF
RI
Input MUX ON resistance
0V ≤ VAx ≤ VCC
I: -40--85°C
T: -40--105°C
2.2 V/3 V
2000
Ω
NOTES: 1. The leakage current is defined in the leakage current table with Px.x/Ax parameter.
2. The analog input voltage range must be within the selected reference voltage range VR+ to VR-- for valid conversion results.
3. The internal reference supply current is not included in current consumption parameter IADC10.
4. The internal reference current is supplied via terminal VCC. Consumption is independent of the ADC10ON control bit, unless a
conversion is active. The REFON bit enables the built-in reference to settle before starting an A/D conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com