Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2002IPWR Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2002IPWR
Description  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2002IPWR Datasheet(HTML) 42 Page - Texas Instruments

Back Button MSP430F2002IPWR Datasheet HTML 38Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 39Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 40Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 41Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 42Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 43Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 44Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 45Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
42
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MSP430x20x2 electrical characteristics over recommended ranges of supply voltage and
operating free-air temperature (unless otherwise noted) (continued)
10-bit ADC, timing parameters (MSP430x20x2 only)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
f
ADC10 inp t clock freq enc
For specified
performance of
ADC10SR = 0
2.2 V/3 V
0.45
6.3
MH
fADC10CLK
ADC10 input clock frequency
performance of
ADC10 linearity
parameters
ADC10SR = 1
2.2 V/3 V
0.45
1.5
MHz
fADC10OSC
ADC10 built-in oscillator frequency
ADC10DIVx=0, ADC10SSELx = 0
fADC10CLK =fADC10OSC
2.2 V/3 V
3.7
6.3
MHz
t
Con ersion time
ADC10 built-in oscillator,
ADC10SSELx = 0
fADC10CLK =fADC10OSC
2.2 V/3 V
2.06
3.51
μs
tCONVERT
Conversion time
fADC10CLK from ACLK, MCLK or
SMCLK: ADC10SSELx ≠ 0
13×
ADC10DIV×
1/fADC10CLK
μs
tADC10ON
Turn on settling time of the ADC
(see Note 1)
100
ns
NOTES: 1. The condition is that the error in a conversion started after tADC10ON is less than ±0.5 LSB. The reference and input signal are already
settled.
10-bit ADC, linearity parameters (MSP430x20x2 only)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
EI
Integral linearity error
2.2 V/3 V
±1
LSB
ED
Differential linearity error
2.2 V/3 V
±1
LSB
EO
Offset error
Source impedance RS < 100 Ω,
2.2 V/3 V
±1
LSB
EG
Gain error
2.2 V/3 V
±1.1
±2
LSB
ET
Total unadjusted error
2.2 V/3 V
±2
±5
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com