Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2002IPWR Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2002IPWR
Description  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2002IPWR Datasheet(HTML) 47 Page - Texas Instruments

Back Button MSP430F2002IPWR Datasheet HTML 43Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 44Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 45Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 46Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 47Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 48Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 49Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 50Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
47
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MSP430x20x3 electrical characteristics over recommended ranges of supply voltage and
operating free-air temperature (unless otherwise noted) (continued)
SD16_A, built-in voltage reference (MSP430x20x3 only)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
VREF
Internal reference voltage
SD16REFON = 1,
SD16VMIDON = 0
3V
1.14
1.20
1.26
V
I
Reference s ppl c rrent
SD16REFON = 1,
-40--85°C
3V
190
280
A
IREF
Reference supply current
SD16REFON = 1,
SD16VMIDON = 0
105°C
3V
295
μA
TC
Temperature coefficient
SD16REFON = 1,
SD16VMIDON = 0
3V
18
50
ppm/K
CREF
VREF load capacitance
SD16REFON = 1,
SD16VMIDON = 0
(see Note 1)
100
nF
ILOAD
VREF(I) maximum load current
SD16REFON = 1;
SD16VMIDON = 0
3V
±200
nA
tON
Turn on time
SD16REFON = 0 → 1;
SD16VMIDON = 0;
CREF = 100nF
3V
5
ms
DC PSR
DC Power Supply Rejection
∆VREF/∆VCC
SD16REFON = 1;
SD16VMIDON = 0;
VCC = 2.5V - 3.6V
2.5V--3.6V
100
uV/V
NOTES: 1. There is no capacitance required on VREF. However, a capacitance of at least 100nF is recommended to reduce any reference
voltage noise.
SD16_A, reference output buffer (MSP430x20x3 only)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
VREF,BUF
Reference buffer output voltage
SD16REFON = 1,
SD16VMIDON = 1
3V
1.2
V
I
Reference Supply +Reference
SD16REFON = 1,
--40--85°C
3V
385
600
A
IREF,BUF
Reference Supply + Reference
output buffer quiescent current
SD16REFON = 1,
SD16VMIDON = 1
105°C
3V
660
μA
CREF(O)
Required load capacitance
on VREF
SD16REFON = 1,
SD16VMIDON = 1
470
nF
ILOAD,Max
Maximum load current on VREF
SD16REFON = 1,
SD16VMIDON = 1
3V
±1
mA
Maximum voltage variation vs. load current
|ILOAD|=0to1mA
3V
--15
+15
mV
tON
Turn on time
SD16REFON = 0 → 1;
SD16VMIDON = 1;
CREF = 470nF
3V
100
μs
SD16_A, external reference input (MSP430x20x3 only)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VREF(I)
Input voltage range
SD16REFON = 0
3V
1.0
1.25
1.5
V
IREF(I)
Input current
SD16REFON = 0
3V
50
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com