Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2002IPWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2002IPWR
Description  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2002IPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button MSP430F2002IPWR Datasheet HTML 6Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 7Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 8Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 9Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 10Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 11Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 12Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 13Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions, MSP430x20x3 (Continued)
TERMINAL
NAME
PW, or N
RSA
I/O
DESCRIPTION
NAME
NO.
NO.
I/O
DESCRIPTION
XIN/P2.6/TA1
13
12
I/O
Input terminal of crystal oscillator
General-purpose digital I/O pin
Timer_A, compare: Out1 output
XOUT/P2.7
12
11
I/O
Output terminal of crystal oscillator
General-purpose digital I/O pin
RST/NMI/SBWTDIO
10
9
I
Reset or nonmaskable interrupt input
Spy-Bi-Wire test data input/output during programming and test
TEST/SBWTCK
11
10
I
Selects test mode for JTAG pins on Port1. The device protection fuse is
connected to TEST.
Spy-Bi-Wire test clock input during programming and test
VCC
1
NA
Supply voltage
VSS
14
NA
Ground reference
DVCC
NA
16
Digital supply voltage
AVCC
NA
15
Analog supply voltage
DVSS
NA
14
Digital ground reference
AVSS
NA
13
Analog ground reference
QFN Pad
NA
Package
Pad
NA
QFN package pad connection to VSS recommended.
NOTE: If XOUT/P2.7 is used as an input, excess current will flow until P2SEL.7 is cleared. This is due to the oscillator output driver connection
to this pad after reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com