Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2002IPWR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2002IPWR
Description  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2002IPWR Datasheet(HTML) 14 Page - Texas Instruments

Back Button MSP430F2002IPWR Datasheet HTML 10Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 11Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 12Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 13Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 14Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 15Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 16Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 17Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
special function registers
Most interrupt and module enable bits are collected into the lowest address space. Special function register bits
not allocated to a functional purpose are not physically present in the device. Simple software access is provided
with this arrangement.
interrupt enable 1 and 2
76
54
0
OFIE
WDTIE
32
1
rw-0
rw-0
rw-0
Address
0h
NMIIE
ACCVIE
rw-0
WDTIE:
Watchdog Timer interrupt enable. Inactive if watchdog mode is selected. Active if Watchdog Timer
is configured in interval timer mode.
OFIE:
Oscillator fault enable
NMIIE:
(Non)maskable interrupt enable
ACCVIE:
Flash access violation interrupt enable
76
54
0
32
1
Address
01h
interrupt flag register 1 and 2
76
54
0
OFIFG
WDTIFG
32
1
rw-0
rw-1
rw-(0)
Address
02h
NMIIFG
rw-(0)
RSTIFG
rw-(1)
PORIFG
WDTIFG:
Set on Watchdog Timer overflow (in watchdog mode) or security key violation.
Reset on VCC power-up or a reset condition at RST/NMI pin in reset mode.
OFIFG:
Flag set on oscillator fault
RSTIFG:
External reset interrupt flag. Set on a reset condition at RST/NMI pin in reset mode. Reset on VCC
power-up
PORIFG:
Power-On Reset interrupt flag. Set on VCC power-up.
NMIIFG:
Set via RST/NMI-pin
76
54
0
32
1
Address
03h
Legend
rw:
rw-0,1:
Bit can be read and written.
Bit can be read and written. It is Reset or Set by PUC.
Bit can be read and written. It is Reset or Set by POR.
rw-(0,1):
SFR bit is not present in device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com