Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F2002IPWR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2002IPWR
Description  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2002IPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button MSP430F2002IPWR Datasheet HTML 9Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 10Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 11Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 12Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 13Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 14Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 15Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 16Page - Texas Instruments MSP430F2002IPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
interrupt vector addresses
The interrupt vectors and the power-up starting address are located in the address range of 0FFFFh--0FFC0h.
The vector contains the 16-bit address of the appropriate interrupt handler instruction sequence.
If the reset vector (located at address 0FFFEh) contains 0FFFFh (e.g., flash is not programmed) the CPU will
go into LPM4 immediately after power-up.
INTERRUPT SOURCE
INTERRUPT FLAG
SYSTEM INTERRUPT
WORD ADDRESS
PRIORITY
Power-up
External reset
Watchdog Timer+
Flash key violation
PC out-of-range (see Note 1)
PORIFG
RSTIFG
WDTIFG
KEYV
(see Note 2)
Reset
0FFFEh
31, highest
NMI
Oscillator fault
Flash memory access violation
NMIIFG
OFIFG
ACCVIFG
(see Notes 2 and 4)
(non)-maskable,
(non)-maskable,
(non)-maskable
0FFFCh
30
0FFFAh
29
0FFF8h
28
Comparator_A+ (MSP430x20x1 only)
CAIFG(seeNote3)
maskable
0FFF6h
27
Watchdog Timer+
WDTIFG
maskable
0FFF4h
26
Timer_A2
TACCR0 CCIFG (see Note 3)
maskable
0FFF2h
25
Timer_A2
TACCR1 CCIFG.
TAIFG (see Notes 2 and 3)
maskable
0FFF0h
24
0FFEEh
23
0FFECh
22
ADC10 (MSP430x20x2 only)
ADC10IFG (see Note 3)
maskable
SD16_A (MSP430x20x3 only)
SD16CCTL0 SD16OVIFG,
SD16CCTL0 SD16IFG
(see Notes 2 and 3)
maskable
0FFEAh
21
USI
(MSP430x20x2, MSP430x20x3 only)
USIIFG, USISTTIFG
(see Notes 2 and 3)
maskable
0FFE8h
20
I/O Port P2
(two flags)
P2IFG.6toP2IFG.7
(see Notes 2 and 3)
maskable
0FFE6h
19
I/O Port P1
(eight flags)
P1IFG.0toP1IFG.7
(see Notes 2 and 3)
maskable
0FFE4h
18
0FFE2h
17
0FFE0h
16
(see Note 5)
0FFDEh ... 0FFC0h
15 ... 0, lowest
NOTES: 1. A reset is generated if the CPU tries to fetch instructions from within the module register memory address range (0h--01FFh) or from
within unused address ranges.
2. Multiple source flags
3. Interrupt flags are located in the module
4. (non)-maskable: the individual interrupt-enable bit can disable an interrupt event, but the general interrupt enable cannot.
5. The interrupt vectors at addresses 0FFDEh to 0FFC0h are not used in this device and can be used for regular program code if
necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com