| Electronic Components Datasheet Search |
|
PCI1221 Datasheet(PDF) 42 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCI1221 Datasheet(HTML) 42 Page - Texas Instruments |
|
42 / 123 page ![]() PCI1221 GHK/PDV PC CARD CONTROLLERS SCPS042 – JULY 1998 42 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 ring indicate (continued) Card I/F PC Card Socket 0 CSC CSTSMASK RIENB RI_OUT RI_OUT Function RINGEN CDRESUME CSC RI Card I/F PC Card Socket 1 CSC CSTSMASK RINGEN CDRESUME CSC RI Figure 19. RI_OUT Functional Diagram RI from the 16-bit PC Card interface is masked by the ExCA control bit RINGEN in the interrupt and general control register. This is programmed on a per-socket basis and is only applicable when a 16-bit card is powered in the socket. The CBWAKE signaling to RI_OUT is enabled through the same mask as the CSC event for CSTSCHG. The mask bit, CSTSMASK, is programmed through the socket mask register in the CardBus socket registers. PCI power management (PCIPM) The PCI power-management (PCIPM) specification establishes the infrastructure required to let the operating system control the power of PCI functions. This is done by defining a standard PCI interface and operations to manage the power of PCI functions on the bus. The PCI bus and the PCI functions can be assigned one of four software-visible power-management states that result in varying levels of power savings. The four power-management states of PCI functions are: D D0 - Fully-on state D D1 and D2 - Intermediate states D D3 - Off state Similarly, bus power states of the PCI bus are B0-B3. The bus power states B0-B3 are derived from the device power state of the originating bridge device. For the operating system (OS) to power manage the device power states on the PCI bus, the PCI function should support four power-management operations. These operations are: D Capabilities reporting D Power status reporting D Setting the power state D System wake up |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |