Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI1221 Datasheet(PDF) 58 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 58 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 54Page - Texas Instruments PCI1221 Datasheet HTML 55Page - Texas Instruments PCI1221 Datasheet HTML 56Page - Texas Instruments PCI1221 Datasheet HTML 57Page - Texas Instruments PCI1221 Datasheet HTML 58Page - Texas Instruments PCI1221 Datasheet HTML 59Page - Texas Instruments PCI1221 Datasheet HTML 60Page - Texas Instruments PCI1221 Datasheet HTML 61Page - Texas Instruments PCI1221 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
58
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
subsystem vendor ID register
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Subsystem vendor ID
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Subsystem vendor ID
Type:
Read only (read/write when bit 5 in the system control register is 0)
Offset:
40h (functions 0, 1)
Default:
0000h
Description: The subsystem vendor ID register is used for system and option-card identification purposes
and may be required for certain operating systems. This register is read only or read/write,
depending on the setting of bit 5 (SUBSYSRW) in the system control register. When bit 5 is 0,
this register is read/write; when bit 5 is 1, this register is read only. The default mode is
read only.
subsystem ID register
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Subsystem ID
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Subsystem ID
Type:
Read only (read/write when bit 5 in the system control register is 0)
Offset:
42h (functions 0, 1)
Default:
0000h
Description: The subsystem ID register is used for system and option-card identification purposes and may
be required for certain operating systems. This register is read only or read/write, depending
on the setting of bit 5 (SUBSYSRW) in the system control register. When bit 5 is 0, this register
is read/write; when bit 5 is 1, this register is read only. The default mode is read only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com