Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI1221 Datasheet(PDF) 78 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 78 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 74Page - Texas Instruments PCI1221 Datasheet HTML 75Page - Texas Instruments PCI1221 Datasheet HTML 76Page - Texas Instruments PCI1221 Datasheet HTML 77Page - Texas Instruments PCI1221 Datasheet HTML 78Page - Texas Instruments PCI1221 Datasheet HTML 79Page - Texas Instruments PCI1221 Datasheet HTML 80Page - Texas Instruments PCI1221 Datasheet HTML 81Page - Texas Instruments PCI1221 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 123 page
background image
78
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Table 35. Serial Bus Index Register
BIT
SIGNAL
TYPE
FUNCTION
7-0
SBINDEX
R/W
Serial bus index. This bit field represents the byte address in a read or write transaction on the serial
interface.
serial bus slave address register
Bit
7
6
5
4
3
2
1
0
Name
Serial bus slave address
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Register:
Serial bus slave address
Type:
Read/write
Offset:
B2h (function 0)
Default:
00h
Description: The serial bus slave address register is for programmable serial bus byte read and write
transactions. To write a byte, the serial bus data register must be programmed with the data,
the serial bus index register must be programmed with the byte address, and this register
must be programmed with both the 7-bit slave address and the read/write indicator bit.
On byte reads, the byte address is programmed into the serial bus index register
, this register
must be programmed with both the 7-bit slave address and the read/write indicator bit must be
set, and the REQBUSY bit in the serial bus control and status register must be polled until
clear. Then the contents of the serial bus data register are valid read data from the serial bus
interface. See Table 36 for a complete description of the register contents.
Table 36. Serial Bus Slave Address Register
BIT
SIGNAL
TYPE
FUNCTION
7-1
SLAVADDR
R/W
Serial bus slave address. This bit field represents the slave address of a read or write transaction on the
serial interface.
0
RWCMD
R/W
Read/write command. Bit 0 indicates the read/write command bit presented to the serial bus on byte read
and write accesses
0 = A byte write access is requested to the serial bus interface
1 = A byte read access is requested to the serial bus interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com