Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI1221 Datasheet(PDF) 52 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 52 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 48Page - Texas Instruments PCI1221 Datasheet HTML 49Page - Texas Instruments PCI1221 Datasheet HTML 50Page - Texas Instruments PCI1221 Datasheet HTML 51Page - Texas Instruments PCI1221 Datasheet HTML 52Page - Texas Instruments PCI1221 Datasheet HTML 53Page - Texas Instruments PCI1221 Datasheet HTML 54Page - Texas Instruments PCI1221 Datasheet HTML 55Page - Texas Instruments PCI1221 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
52
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PCI bus number register
Bit
7
6
5
4
3
2
1
0
Name
PCI bus number
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Register:
PCI bus number
Type:
Read/write
Offset:
18h (functions 0, 1)
Default:
00h
Description: This read/write register is programmed by the host system to indicate the bus number of the
PCI bus to which the PCI1221 is connected. The PCI1221 uses this register in conjunction
with the CardBus bus number and subordinate bus number registers to determine when to
forward PCI configuration cycles to its secondary buses.
CardBus bus number register
Bit
7
6
5
4
3
2
1
0
Name
CardBus bus number
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Register:
CardBus bus number
Type:
Read/write
Offset:
19h
Default:
00h
Description: This read/write register is programmed by the host system to indicate the bus number of the
CardBus bus to which the PCI1221 is connected. The PCI1221 uses this register in
conjunction with the PCI bus number and subordinate bus number registers to determine
when to forward PCI configuration cycles to its secondary buses. This register is separate for
each PCI1221 controller function.
subordinate bus number register
Bit
7
6
5
4
3
2
1
0
Name
Subordinate bus number
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Register:
Subordinate bus number
Type:
Read/write
Offset:
1Ah
Default:
00h
Description: This read/write register is programmed by the host system to indicate the highest-numbered
bus below the CardBus bus. The PCI1221 uses this register in conjunction with the PCI bus
number and CardBus bus number registers to determine when to forward PCI configuration
cycles to its secondary buses. This register is separate for each CardBus controller function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com